Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL4010Y4 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # GL4010Y4
Description  Input operation range: 2.7 - 5.5V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

GL4010Y4 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  GL4010Y4 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . GL4010Y4 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . GL4010Y4 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . GL4010Y4 Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd . GL4010Y4 Datasheet HTML 5Page - Goodwork Semiconductor Co., Ltd . GL4010Y4 Datasheet HTML 6Page - Goodwork Semiconductor Co., Ltd . GL4010Y4 Datasheet HTML 7Page - Goodwork Semiconductor Co., Ltd . GL4010Y4 Datasheet HTML 8Page - Goodwork Semiconductor Co., Ltd . GL4010Y4 Datasheet HTML 9Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
 
 
Pin Assignment
SDA
1
10
VIN
SCL
2
SW1
VSEL
SW2
AGND
4
VOUT
CE
5
11: PGND
PGND
The package of GL4010Y4 is DFN2x2-10L, with pin assignment shown in following table:
Pin No
Name
Description
1
SDA
The data signal port of I2C interface
2
SCL
The clock signal port of I2C interface
The pin to choose which voltage setting to be the output voltage.
3
VSEL
There are 2 voltage setting registers inside GL4010Y4, one is
corresponding to VSEL=1 and the other to VSEL=0
4
AGND
The analog ground of the chip. Star connection is recommended for
ground routing to power ground
5
CE
Chip enable pin, pull this pin high to keep the chip working
6, 11
PGND
The power ground of the chip
7
VOUT
The output voltage node, connecting at least 10uF capacitor to power
ground
8
SW2
The output side of switching node
9
SW1
The input side of switching node, connecting the power inductor
between SW1 and SW2
10
VIN
The input power terminal, connecting at least 10uF capacitor to
power ground
3 
9
8
7
6
 
GL4010Y 4
4010



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com