Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2749TB Datasheet (PDF) - California Eastern Labs

UPC2749TB Datasheet PDF - California Eastern Labs
Part # UPC2749TB
Download  UPC2749TB Download
File Size   213.7 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER

UPC2749TB Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2749TB Datasheet PDF - California Eastern Labs

Part # UPC2749TB
Download  UPC2749TB Click to download

File Size   213.7 Kbytes
Page   7 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description 3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER

UPC2749TB Datasheet (HTML) - California Eastern Labs




Similar Part No. - UPC2749TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2749TB CEL-UPC2749TB Datasheet
2Mb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2749TB CEL-UPC2749TB Datasheet
583Kb / 6P
3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
logo
Renesas Technology Corp
UPC2749TB RENESAS-UPC2749TB Datasheet
272Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
California Eastern Labs
UPC2749TB-A CEL-UPC2749TB-A Datasheet
583Kb / 6P
3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
More results


Similar Description - UPC2749TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2749T NEC-UPC2749T Datasheet
99Kb / 4P
3 V, 1900 MHz LOW NOISE SI MMIC AMPLIFIER
logo
California Eastern Labs
UPC2708TB CEL-UPC2708TB Datasheet
211Kb / 8P
5 V, SUPER MINIMOLD WIDEBAND SI RFIC AMPLIFIER
UPC2757TB CEL-UPC2757TB Datasheet
170Kb / 6P
3 V, SUPER MINIMOLD SI MMIC DOWNCONVERTER
UPC2762TB CEL-UPC2762TB Datasheet
181Kb / 7P
3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
UPC2763TB CEL-UPC2763TB Datasheet
183Kb / 7P
3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER
logo
NEC
UPC2745TB NEC-UPC2745TB_97 Datasheet
80Kb / 8P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER
logo
California Eastern Labs
UPC2747TB CEL-UPC2747TB Datasheet
240Kb / 9P
3 V, SUPER MINIMOLD 900 MHz Si MMIC AMPLIFIER
UPC2756TB CEL-UPC2756TB Datasheet
217Kb / 7P
3 V SUPER MINIMOLD L-BAND SI MMIC DOWNCONVERTER
UPC3215TB-E3-A CEL-UPC3215TB-E3-A Datasheet
661Kb / 7P
5V, SUPER MINIMOLD SI MMIC WIDEBAND AMPLIFIER
UPC2749TB-A CEL-UPC2749TB-A Datasheet
583Kb / 6P
3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com