Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2749T Datasheet (PDF) - NEC

UPC2749T Datasheet PDF - NEC
Part # UPC2749T
Download  UPC2749T Download
File Size   99.32 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3 V, 1900 MHz LOW NOISE SI MMIC AMPLIFIER

UPC2749T Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2749T Datasheet PDF - NEC

Part # UPC2749T
Download  UPC2749T Click to download

File Size   99.32 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 3 V, 1900 MHz LOW NOISE SI MMIC AMPLIFIER

UPC2749T Datasheet (HTML) - NEC


UPC2749T Product details

DESCRIPTION
The UPC2749T is a Silicon Monolithic integrated circuit which is manufactured using the NESAT III process. The NESAT III process produces transistors with fT approaching 20 GHz.
This amplifier was designed for buffer amplifier applications in GPS and PCS applications. Operating on a 3 volt supply this IC is ideally suited for hand-held, portable designs.

FEATURES
• 16 dB GAIN WITH 4 dB NOISE FIGURE AT 1900 MHz
• LOW VOLTAGE - LOW CURRENT: 6 mA at 3 V
• LOW POWER CONSUMPTION: 18 mW TYP
• SUPER SMALL PACKAGE
• TAPE AND REEL PACKAGING OPTION AVAILABLE




Similar Part No. - UPC2749T

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2749T CEL-UPC2749T Datasheet
2Mb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2749TB CEL-UPC2749TB Datasheet
213Kb / 7P
3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
UPC2749TB CEL-UPC2749TB Datasheet
2Mb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2749TB CEL-UPC2749TB Datasheet
583Kb / 6P
3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
More results


Similar Description - UPC2749T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1658G NEC-UPC1658G Datasheet
73Kb / 12P
LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER
UPC2745T NEC-UPC2745T Datasheet
115Kb / 5P
3 V, 2.7 GHz Si MMIC WIDEBAND AMPLIFIER
UPC2747 NEC-UPC2747 Datasheet
63Kb / 5P
3 V, 900 MHz Si MMIC AMPLIFIER
logo
NXP Semiconductors
BGA2012 PHILIPS-BGA2012 Datasheet
85Kb / 12P
1900 MHz high linear low noise amplifier
2000 Dec 04
logo
NEC
UPC2746T-E3 NEC-UPC2746T-E3 Datasheet
121Kb / 5P
3 V, 1500 MHz Si MMIC WIDEBAND AMPLIFIER
UPC2748T NEC-UPC2748T Datasheet
49Kb / 5P
3 V, 900 MHz LOW NOISE SI MMIC AMPLIFIER
UPC2762T NEC-UPC2762T Datasheet
144Kb / 6P
3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
logo
California Eastern Labs
UPC2749TB CEL-UPC2749TB Datasheet
213Kb / 7P
3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
UPC2747TB CEL-UPC2747TB Datasheet
240Kb / 9P
3 V, SUPER MINIMOLD 900 MHz Si MMIC AMPLIFIER
UPC2749TB-A CEL-UPC2749TB-A Datasheet
583Kb / 6P
3 V, SUPER MINIMOLD 1900 MHz SI RFIC AMPLIFIER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com