Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1AF31 Datasheet (PDF) - Apex Electronics Co., Ltd

1AF31 Datasheet PDF - Apex Electronics Co., Ltd
Part # 1AF31
Download  1AF31 Download
File Size   489.07 Kbytes
Page   3 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description Slim metal rotary encoder, 11mm diameter, SMD or thru-hole

1AF31 Datasheet (PDF)

Go To PDF Page Download Datasheet
1AF31 Datasheet PDF - Apex Electronics Co., Ltd

Part # 1AF31
Download  1AF31 Click to download

File Size   489.07 Kbytes
Page   3 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description Slim metal rotary encoder, 11mm diameter, SMD or thru-hole

1AF31 Datasheet (HTML) - Apex Electronics Co., Ltd


1AF31 Product details

Features
Durable metal shaft & bushing
Slim 4.5mm body thickness
Low-noise design for 120RPM max.
Momentary switch available
Excellent detent feel
Custom options available
Applications
Panel control with continuous rotation. Popular for applications in
terms of audio, video, medical, industrial, or home appliance.





Similar Description - 1AF31

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-DSL10 PMI-PM-DSL10 Datasheet
302Kb / 12P
DSL LINE ISOLATION TRANSFORMERS THRU HOLE OR SMD
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
EC11B15244 ALPS-EC11B15244 Datasheet
543Kb / 9P
11mm size tow-profile rotary encoder (incremental type) for microscopic current circuits
logo
Bi technologies
EN11 BITECH-EN11_12 Datasheet
133Kb / 4P
11mm Rotary Encoder
P110KV BITECH-P110KV_12 Datasheet
92Kb / 5P
11mm Rotary Potentiometer
logo
Omron Electronics LLC
E6C2CWZ3E-100PR2M OMRON-E6C2CWZ3E-100PR2M Datasheet
322Kb / 5P
Slim Incremental 50-mm-dia. Rotary Encoder
E6C2-CWZ6C OMRON-E6C2-CWZ6C Datasheet
322Kb / 5P
Slim Incremental 50-mm-dia. Rotary Encoder
logo
Bi technologies
EN11 BITECH-EN11_15 Datasheet
125Kb / 4P
11mm Rotary Encoder
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
11mm Rotary Encoder
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com