Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1AF31 Datasheet(PDF) 2 Page - Apex Electronics Co., Ltd

Part # 1AF31
Description  Slim metal rotary encoder, 11mm diameter, SMD or thru-hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

1AF31 Datasheet(HTML) 2 Page - Apex Electronics Co., Ltd

  1AF31 Datasheet HTML 1Page - Apex Electronics Co., Ltd 1AF31 Datasheet HTML 2Page - Apex Electronics Co., Ltd 1AF31 Datasheet HTML 3Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SRE11S Series
Slim rotary encoder, 11mm diameter, SMD or thru-hole
02
Knurled die-cast shaft
Without Switch
0.5mm Switch Stroke
1.5mm Switch Stroke
L1
LB
L2
L1
LB
L2
L1
LB
L2
9.5
5
2.9
9.5
5
2.9
9.5
5
4.5
13.5
5
6.9
13.5
5
6.9
Knurled aluminum shaft
Without Switch
0.5mm Switch Stroke
1.5mm Switch Stroke
L1
LB
L2
L1
LB
L2
L1
LB
L2
15
5
8
15
5
7
15
5
6
20
7
10
20
7
9
20
7
8
Flatted aluminum shaft
Without Switch
0.5mm Switch Stroke
1.5mm Switch Stroke
L1
LB
L2
L1
LB
L2
L1
LB
L2
15
5
7
15
5
7
15
5
7
20
7
12
20
7
10
20
7
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com