Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1F119 Datasheet (PDF) - Apex Electronics Co., Ltd

M1F119 Datasheet PDF - Apex Electronics Co., Ltd
Part # M1F119
Download  M1F119 Download
File Size   921.64 Kbytes
Page   6 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 12mm Rotary Encoder, illumination, vertical & horizontal mount

M1F119 Datasheet (PDF)

Go To PDF Page Download Datasheet
M1F119 Datasheet PDF - Apex Electronics Co., Ltd

Part # M1F119
Download  M1F119 Click to download

File Size   921.64 Kbytes
Page   6 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 12mm Rotary Encoder, illumination, vertical & horizontal mount

M1F119 Datasheet (HTML) - Apex Electronics Co., Ltd


M1F119 Product details

Features
Illuminated molded shaft up to triple color
Slim 6mm body thickness
Low-noise design for 120RPM max.
Momentary switch available
Excellent detent feel
Custom options available
Applications
Panel control with continuous rotation. Popular for applications in
terms of audio, video, medical, industrial, or home appliance.




Similar Part No. - M1F119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1F1 ETC1-M1F1 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
More results


Similar Description - M1F119

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
Rotary Encoder Switches
logo
Tyco Electronics
DPL12 MACOM-DPL12 Datasheet
181Kb / 3P
12mm Rotary Encoder with LED
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
Absolute Rotary Encoder
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
Rotary Optical Encoder
logo
Bi technologies
EN12 BITECH-EN12_08 Datasheet
83Kb / 3P
12mm Rotary Encoder
P120P BITECH-P120P_08 Datasheet
88Kb / 4P
12mm Rotary Potentiometer
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
11mm Rotary Encoder
DP12 MACOM-DP12 Datasheet
206Kb / 3P
12mm Rotary Encoder
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
Rotary Encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com