Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1F119 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # M1F119
Description  12mm Rotary Encoder, illumination, vertical & horizontal mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

M1F119 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  M1F119 Datasheet HTML 1Page - Apex Electronics Co., Ltd M1F119 Datasheet HTML 2Page - Apex Electronics Co., Ltd M1F119 Datasheet HTML 3Page - Apex Electronics Co., Ltd M1F119 Datasheet HTML 4Page - Apex Electronics Co., Ltd M1F119 Datasheet HTML 5Page - Apex Electronics Co., Ltd M1F119 Datasheet HTML 6Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
SRE12D Series
12mm Rotary Encoder, illumination, vertical & horizontal mount
01
Features
Illuminated molded shaft up to triple color
Slim 6mm body thickness
Low-noise design for 120RPM max.
Momentary switch available
Excellent detent feel
Custom options available
Applications
Panel control with continuous rotation. Popular for applications in
terms of audio, video, medical, industrial, or home appliance.
Encoder Specification
Pulse
Number of
detent
Phase difference
(msec)
Chattering
(msec)
Sliding noise
(msec)
Insulation
resistance
Dielectric
strength
Detent torque
(gf cm)
Rotationallife
(cycle)
0
12
12
24
4
3
2
0
24
24
3.5
3
2
250V DC
100M MIN
300V AC
1 min
30~200
30,000
Switch Specification
Rating
Contact
resistance
Insulation
resistance
Dielectric
strength
Contact
arrangement
Travel of
switch (mm)
Operating
force (gf)
Operating life
(cycle)
DC 5V
10 mA
100 m
250V DC
100M MIN
300V AC
1 min
PUSH ON
0.5 +0/-0.3
450±200
20,000
LED Specification
Standard LED Color
Single color LED
Dual color LED
Triple color LED
Red, Lawngreen, Blue, Orange,
White, Green, Darkorange
Blue - Organe, Green - Red,
Red - Green, Green - Organe,
Blue - Red, White - Red, White - Green
Red - Green - Blue


Similar Part No. - M1F119

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1F1 ETC1-M1F1 Datasheet
179Kb / 2P
MEDIUM CURRENT SILICON RECTIFIERS
More results

Similar Description - M1F119

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
Rotary Encoder Switches
logo
Tyco Electronics
DPL12 MACOM-DPL12 Datasheet
181Kb / 3P
12mm Rotary Encoder with LED
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
Absolute Rotary Encoder
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
Rotary Optical Encoder
logo
Bi technologies
EN12 BITECH-EN12_08 Datasheet
83Kb / 3P
12mm Rotary Encoder
P120P BITECH-P120P_08 Datasheet
88Kb / 4P
12mm Rotary Potentiometer
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
11mm Rotary Encoder
DP12 MACOM-DP12 Datasheet
206Kb / 3P
12mm Rotary Encoder
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
Rotary Encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com