Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1534065 Datasheet (PDF) - Turck, Inc.

1534065 Datasheet PDF - Turck, Inc.
Part # 1534065
Download  1534065 Download
File Size   134.47 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inclinometer – With CANopen Interface

1534065 Datasheet (PDF)

Go To PDF Page Download Datasheet
1534065 Datasheet PDF - Turck, Inc.

Part # 1534065
Download  1534065 Click to download

File Size   134.47 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Inclinometer – With CANopen Interface

1534065 Datasheet (HTML) - Turck, Inc.


1534065 Product details

Features
■Rectangular, height 42 mm
■Plastic, PA12-GF30
■Convenient CANopen interface
■Fulfills CiA DS‐301, CiA DSP‐410
■High resolution and accuracy
■Baud rates of 10 kbps up to 1 Mbps
■High sampling rate and bandwidth
■Parameterizable vibration suppression
■One TPDO (RTR, cyclic, event-controlled,
synchronized)
■Configuration via SDO and object directory
■SYNC load (synchronized transmission of
TPDO after reception of SYNC telegram)
■EMCY producer (inclination, internal device
temperature monitoring)
■Failure monitoring via heartbeat or
nodeguarding/lifeguarding
■Freely configurable limit frequency (digital
filter)
■Robust and compact plastic housing
Functional principle
Inclination is determined by a wear-free
semiconducting sensor element.
For more technical details, there is a manual
available for download on the Internet.




Similar Part No. - 1534065

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1534060 TURCK-1534060 Datasheet
273Kb / 3P
Inclinometer – With Increased Temperature Range
11/07/2023
1534061 TURCK-1534061 Datasheet
134Kb / 2P
Inclinometer – With CANopen Interface
11/07/2023
1534062 TURCK-1534062 Datasheet
134Kb / 2P
Inclinometer – With CANopen Interface
11/07/2023
1534063 TURCK-1534063 Datasheet
134Kb / 2P
Inclinometer – With CANopen Interface
11/07/2023
1534068 TURCK-1534068 Datasheet
209Kb / 2P
Inclinometer
11/07/2023
More results


Similar Description - 1534065

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA100T VTI-SCA100T Datasheet
224Kb / 2P
Inclinometer
SCA830-D07 VTI-SCA830-D07 Datasheet
107Kb / 6P
1-AXIS INCLINOMETER WITH DIGITAL SPI INTERFACE
logo
Murata Manufacturing Co...
SCA830-D07 MURATA-SCA830-D07 Datasheet
186Kb / 5P
SCA830-D07 1-AXIS INCLINOMETER WITH DIGITAL SPI INTERFACE
SCA830-D07-1 MURATA-SCA830-D07-1 Datasheet
158Kb / 6P
SCA830-D07 1-AXIS INCLINOMETER WITH DIGITAL SPI INTERFACE
logo
List of Unclassifed Man...
SV2A3-C-CE ETC2-SV2A3-C-CE Datasheet
154Kb / 3P
Digital Servo Drive w/ CANopen interface
SV2A5-C-CE ETC2-SV2A5-C-CE Datasheet
162Kb / 3P
Digital Servo Drive w/ CANopen interface
SV2B3-C-CE ETC2-SV2B3-C-CE Datasheet
155Kb / 3P
Digital Servo Drive w/ CANopen interface
SV2B5-C-CE ETC2-SV2B5-C-CE Datasheet
163Kb / 3P
Digital Servo Drive w/ CANopen interface
logo
Schneider Electric
TM5NCO1 SCHNEIDER-TM5NCO1 Datasheet
266Kb / 7P
CANopen communication module, Modicon TM5, FieldBus Interface
Apr 6, 2022
logo
Murata Manufacturing Co...
SCL3300-D01 MURATA1-SCL3300-D01 Datasheet
2Mb / 47P
3-axis inclinometer with angle output and digital SPI interface
Doc.No. 4921 Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com