Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T66DJ3125B Datasheet (PDF) - Apex Electronics Co., Ltd

T66DJ3125B Datasheet PDF - Apex Electronics Co., Ltd
Part # T66DJ3125B
Download  T66DJ3125B Download
File Size   736.95 Kbytes
Page   2 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 6.2*6.2mm tact switch, SMD, top actuated, IP67

T66DJ3125B Datasheet (PDF)

Go To PDF Page Download Datasheet
T66DJ3125B Datasheet PDF - Apex Electronics Co., Ltd

Part # T66DJ3125B
Download  T66DJ3125B Click to download

File Size   736.95 Kbytes
Page   2 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 6.2*6.2mm tact switch, SMD, top actuated, IP67

T66DJ3125B Datasheet (HTML) - Apex Electronics Co., Ltd


T66DJ3125B Product details

Soft feel by silicon stem
0.5mm long travel
IP67 sealed construction
500,000 life cycles
Product Features




Similar Part No. - T66DJ3125B

ManufacturerPart #DatasheetDescription
logo
EPCOS
T66 EPCOS-T66 Datasheet
152Kb / 6P
Ferrites and accessories
logo
Infineon Technologies A...
T660N INFINEON-T660N Datasheet
281Kb / 10P
Netz-Thyristor Phase Control Thyristor
2009-03-04 revision:1
logo
List of Unclassifed Man...
T6613 ETC2-T6613 Datasheet
113Kb / 4P
Small, Compact CO2 Module Designed to Integrate Into Existing Controls and Equipment
logo
Amphenol Corporation
T6613 AMPHENOL-T6613 Datasheet
85Kb / 4P
An affordable gas sensing solution for OEMs
T6613-5K AMPHENOL-T6613-5K Datasheet
85Kb / 4P
An affordable gas sensing solution for OEMs
More results


Similar Description - T66DJ3125B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1015 E-SWITCH-TL1015 Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
logo
CTS Corporation
222A CTS-222A Datasheet
919Kb / 6P
6.2 x 6.2mm Compact Tactile Switch
logo
C&K Components
KSF CK-COMPONENTS-KSF_V01 Datasheet
131Kb / 2P
Soft Actuated Tact Switch
2017
KSFKSFI CK-COMPONENTS-KSFKSFI Datasheet
130Kb / 2P
Soft Actuated Tact Switch
26 jul 16
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
KMR6 CK-COMPONENTS-KMR6_V01 Datasheet
173Kb / 2P
Microminiature SMT Top Actuated IP67
24 Aug 21
KMR7 CK-COMPONENTS-KMR7_V01 Datasheet
169Kb / 2P
Microminiature SMT Top Actuated IP67
24 Aug 21
RK CK-COMPONENTS-RK Datasheet
444Kb / 5P
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKC2 CK-COMPONENTS-RKC2 Datasheet
351Kb / 3P
Microminiature SMT Top Actuated Tact Switch
19 Sep 22
logo
Apex Electronics Co., L...
T66E APEX-ELECTRONICS-T66E Datasheet
438Kb / 1P
6.0*6.0mm tact switch, radial taping, top actuated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com