Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100000042 Datasheet (PDF) - Turck, Inc.

100000042 Datasheet PDF - Turck, Inc.
Part # 100000042
Download  100000042 Download
File Size   107.46 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Pressure Transmitter – Ratiometric Output (3-Wire)

100000042 Datasheet (PDF)

Go To PDF Page Download Datasheet
100000042 Datasheet PDF - Turck, Inc.

Part # 100000042
Download  100000042 Click to download

File Size   107.46 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Pressure Transmitter – Ratiometric Output (3-Wire)

100000042 Datasheet (HTML) - Turck, Inc.


100000042 Product details

Features
■Fully welded metal measuring cell
■Pressure range 0…5000 psi rel.
■5 VDC ± 10 %
■Ratiometric output 10…90 %
■Process connection 1/4"-18 NPT male
thread
■Plug-in device, M12 × 1

Functional principle
The pressure sensors in the PT…‐2000
product series operate with a fully welded
metal measuring cell in various pressure
ranges of up to -1…1000 bar in 2-, 3- or even
4-wire technology. Depending on the sensor
variant, the processed signal is available
as an analog output signal (4…20 mA, 0…
10 V, 0…5 V, 1…6 V, ratiometric) or as a
digital IO-Link process parameter. The IO-Link
sensor variants also have two independently
configurable switching outputs.
In addition to the standard variants, there are
special sensors for uses such as ATEX areas
or for oxygen applications.
A wide range of process connections and
electrical connections offer a high degree of
flexibility in a wide range of applications.




Similar Part No. - 100000042

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
100000041 TURCK-100000041 Datasheet
399Kb / 4P
CODESYS 3 Programmable Gateway for the BL67 I/O System Multiprotocol Ethernet Gateway for PROFINET, EtherNet/IP and Modbus TCP with WebVisu License
2023-07-21
More results


Similar Description - 100000042

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AM417 AME-AM417 Datasheet
77Kb / 6P
RATIOMETRIC VOLTAGE TRANSMITTER
logo
TE Connectivity Ltd
MS4525 TEC-MS4525 Datasheet
412Kb / 15P
Amplified Ratiometric Analog Output
logo
Festo Corporation.
571471 FESTO-571471 Datasheet
92Kb / 2P
Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
Pressure transmitter
571476 FESTO-571476 Datasheet
92Kb / 2P
Pressure transmitter
571482 FESTO-571482 Datasheet
92Kb / 2P
Pressure transmitter
571483 FESTO-571483 Datasheet
82Kb / 2P
Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
Pressure transmitter
8000101 FESTO-8000101 Datasheet
94Kb / 2P
Pressure transmitter
logo
WOLFSPEED, INC.
AMS6916 WOLFSPEED-AMS6916 Datasheet
902Kb / 9P
Board mount pressure sensor with ratiometric analog output
April 2019 Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com