Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6630 Datasheet (PDF) - Pan Jit International Inc.

PJS6630 Datasheet PDF - Pan Jit International Inc.
Part # PJS6630
Download  PJS6630 Download
File Size   446.5 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate

PJS6630 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJS6630 Datasheet PDF - Pan Jit International Inc.

Part # PJS6630
Download  PJS6630 Click to download

File Size   446.5 Kbytes
Page   7 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate

PJS6630 Datasheet (HTML) - Pan Jit International Inc.


PJS6630 Product details

Features
 Vdrop = 0.2V@Vin=12V, IL=3.6A, RDS(ON)= 53mΩ
 Vdrop = 0.2V@Vin=5.0V, IL=3.4A, RDS(ON)= 57mΩ
 Vdrop = 0.2V@Vin=2.5V, IL=2.8A, RDS(ON)= 70mΩ
 Advanced Trench Process Technology
 Adjustable Turn on/off Slew Rate Control through external R1, R2 and C1.
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard




Similar Part No. - PJS6630

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJS6630 PANJIT-PJS6630 Datasheet
441Kb / 7P
20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate
More results


Similar Description - PJS6630

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
Load Switch with Level-Shift
05-Aug-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
Load Switch with Level-Shift
14-Jun-04
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
Load Switch with Controlled Slew Rate
AOZ1321DI AOSMD-AOZ1321DI Datasheet
636Kb / 15P
Load Switch with Controlled Slew Rate
logo
Texas Instruments
TPS27081A TI1-TPS27081A Datasheet
1Mb / 14P
1.2 - 8V, 3A PFET High Side Load Switch with Level Shift & Adjustable Slew Rate Control
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
Load Switch with Level-Shift
20-Sep-10
logo
Pan Jit International I...
PJS6630 PANJIT-PJS6630 Datasheet
441Kb / 7P
20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate
PJS6631 PANJIT-PJS6631 Datasheet
431Kb / 7P
20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate
logo
Vishay Siliconix
SI4788CY VISHAY-SI4788CY Datasheet
47Kb / 7P
5-A Controlled Slew Rate Load Switch with Level Shift
27-Nov-00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com