Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJS6630 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJS6630
Description  20V P- MOSFET Load Switch with Level Shift & Adjustable Slew Rate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJS6630 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJS6630 Datasheet HTML 1Page - Pan Jit International Inc. PJS6630 Datasheet HTML 2Page - Pan Jit International Inc. PJS6630 Datasheet HTML 3Page - Pan Jit International Inc. PJS6630 Datasheet HTML 4Page - Pan Jit International Inc. PJS6630 Datasheet HTML 5Page - Pan Jit International Inc. PJS6630 Datasheet HTML 6Page - Pan Jit International Inc. PJS6630 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PJS6630
January 20,2022
PJS6630-REV.02
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Off Characteristics
Leakage Current
IFL
VIN=20V, VON/VOFF=0V
-
-
1
uA
Diode Forward Voltage
VSD
IS=-1.0A
-
-0.76
-1.2
V
On Characteristics
Input Voltage Range
VIN
2.5
-
20
V
On/Off Voltage Range
VON/VOFF
2.5
-
12
V
Drain-Source On-State
Resistance (Q2)
RDS(on)
VGS=-12V, ID=-3.6A
-
45
53
m
Ω
VGS=-5.0V, ID=-3.4A
-
49
57
VGS=-2.5V, ID=-2.8A
-
59
70
NOTES :
1.
VIN Range can be up to 20V, but R1 and R2 must be scaled such that VGS do not exceed 12V.
2.
RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is
defined as the solder mounting surface of the drain pins mounted on a 1 inch FR-4 with 2oz. square pad of copper
3.
The maximum current rating is package limited
4.
Pulse test: pulse width < 300uS, duty cycle < 2%
Application Circuits
Component Table
R1
Pull-Up Resistor
Typical 10k
Ω to 1MΩ
R2
Optional Slew-Rate Control
Typical 0k
Ω to 100kΩ
C1
Optional Slew-Rate Control
Typical 1uF
Note: R1 should be at least 10 * R2 to ensure Q1 turn-on



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com