Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82793-C0 Datasheet (PDF) - EPCOS

B82793-C0 Datasheet PDF - EPCOS
Part # B82793-C0
Download  B82793-C0 Download
File Size   111.31 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Data and Signal Lines

B82793-C0 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82793-C0 Datasheet PDF - EPCOS

Part # B82793-C0
Download  B82793-C0 Click to download

File Size   111.31 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Chokes for Data and Signal Lines

B82793-C0 Datasheet (HTML) - EPCOS


B82793-C0 Product details

Rated voltage 42 Vac/80 Vdc

Rated current 400 to 1200 mA

Rated inductance 5 µH to 4,7 mH



Construction

■ Current-compensated ring core choke with ferrite core

■ Bifilar winding (B82793-C…)

■ Sector winding (B82793-S…)



Features

■ High rated currents

■ Reduced component height

■ Case flame-retardant as per UL 94 V-0

■ Suitable for reflow soldering



Applications

■ B82793-C:

Suppression of asymmetrical interference coupled in on lines, whereas data signals up to some MHz can pass unaffectedly

■ B82793-S:

Suppression of asymmetrical and symmetrical interference coupled in on lines. The high-frequency portions of the symmetrical data signal are decreased so far that EMC problems can be significantly reduced




Similar Part No. - B82793-C0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82793-C2 EPCOS-B82793-C2 Datasheet
56Kb / 3P
Chokes for Data and Signal Lines
B82793-C2113-N201 EPCOS-B82793-C2113-N201 Datasheet
56Kb / 3P
Chokes for Data and Signal Lines
B82793-C2225-N265 EPCOS-B82793-C2225-N265 Datasheet
56Kb / 3P
Chokes for Data and Signal Lines
B82793-C2473-N201 EPCOS-B82793-C2473-N201 Datasheet
56Kb / 3P
Chokes for Data and Signal Lines
B82793-C2474-N215 EPCOS-B82793-C2474-N215 Datasheet
56Kb / 3P
Chokes for Data and Signal Lines
More results


Similar Description - B82793-C0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B82799 ETC-B82799 Datasheet
81Kb / 6P
Chokes for Data and Signal Lines
logo
EPCOS
B82799 EPCOS-B82799_00 Datasheet
66Kb / 4P
Chokes for Data and Signal Lines
B82790-C0502-N201 EPCOS-B82790-C0502-N201 Datasheet
106Kb / 5P
Chokes for Data and Signal Lines
B82790-C0475-N340 EPCOS-B82790-C0475-N340 Datasheet
75Kb / 5P
Chokes for Data and Signal Lines
B82793-C2 EPCOS-B82793-C2 Datasheet
56Kb / 3P
Chokes for Data and Signal Lines
B82794-C2 EPCOS-B82794-C2 Datasheet
77Kb / 4P
Chokes for Data and Signal Lines
B82796-C0 EPCOS-B82796-C0 Datasheet
99Kb / 4P
Chokes for Data and Signal Lines
B82720-H15 EPCOS-B82720-H15 Datasheet
59Kb / 2P
Chokes for Data and Signal Lines
B82796-C2 EPCOS-B82796-C2 Datasheet
63Kb / 2P
Chokes for Data and Signal Lines
B82791-G14 EPCOS-B82791-G14 Datasheet
74Kb / 2P
Chokes for Data and Signal Lines
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com