Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6510A Datasheet (PDF) - Microsemi Corporation

6510A Datasheet PDF - Microsemi Corporation
Part # 6510A
Download  6510A Download
File Size   67.04 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options

6510A Datasheet (PDF)

Go To PDF Page Download Datasheet
6510A Datasheet PDF - Microsemi Corporation

Part # 6510A
Download  6510A Click to download

File Size   67.04 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options

6510A Datasheet (HTML) - Microsemi Corporation


6510A Product details

DESCRIPTION
These low capacitance diode arrays are multiple, discrete, isolated junctions fabricated by a planar process and mounted in a 16-PIN ceramic flat pack for use as steering diodes protecting up to eight I/O ports from ESD, EFT, or surge by directing them either to the positive side of the power supply line or to ground (see figure 1). An external TVS diode may be added between the positive supply line and ground to prevent over-voltage on the supply rail. They may also be used in fast switching coredriver applications.

FEATURES
• Hermetic Ceramic Package
• Isolated Diodes to Eliminate Cross-Talk Voltages
• High Breakdown Voltage VBR > 75 V at 5 μA
• Low Leakage IR< 100nA at 40 V
• Low Capacitance Ct < 4.0 pF
• Switching Speeds less than 10 ns
• Options for screening in accordance with MIL-PRF-19500/474 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or SP prefixes respectively to part numbers. For example, designate MX6510A for a JANTX screen.

APPLICATIONS / BENEFITS
• High Frequency Data Lines
• RS-232 & RS-422 Interface Networks
• Ethernet: 10 Base T
• Computer I/O Ports
• LAN
• Switching Core Drivers
• IEC 61000-4 Compatible (See Circuit in Figure 1)
    61000-4-2 (ESD): Air 15 kV, contact – 8 kV
    61000-4-4 (EFT): 40 A – 5/50 ns
    61000-4-5 (surge): 12 A, 8/20 µs




Similar Part No. - 6510A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6510 POMONA-6510 Datasheet
56Kb / 1P
BNC to BNC, True 75 Ohm
logo
Broadcom Corporation.
6510 BOARDCOM-6510 Datasheet
263Kb / 6P
Flexible, Easy-to-Use Enterprise-Class SAN Switch for Private Cloud Storage
logo
Christian Bürkert GmbH ...
6510 BURKERT-6510 Datasheet
640Kb / 7P
3/2 way solenoid valve for pneumatic applications
06.08.2021
6510 BURKERT-6510 Datasheet
207Kb / 6P
Multi-Way Valves for Pneumatics servo-assisted, extendable, 10 mm wide
22.09.2017
logo
Aries Electronics, Inc.
651000 ARIES-651000 Datasheet
722Kb / 1P
Allows the use of 0.65mm pitch surface-mount ICs in thru-hole designs
More results


Similar Description - 6510A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
5768A MICROSEMI-5768A Datasheet
64Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
5770A MICROSEMI-5770A Datasheet
64Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
5772A MICROSEMI-5772A Datasheet
63Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
5774A MICROSEMI-5774A Datasheet
65Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6100A MICROSEMI-6100A Datasheet
66Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6101A MICROSEMI-6101A Datasheet
66Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6506A MICROSEMI-6506A Datasheet
65Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6508A MICROSEMI-6508A Datasheet
65Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6509A MICROSEMI-6509A Datasheet
65Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6511A MICROSEMI-6511A Datasheet
65Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com