Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5770A Datasheet (PDF) - Microsemi Corporation

5770A Datasheet PDF - Microsemi Corporation
Part # 5770A
Download  5770A Download
File Size   64.13 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options

5770A Datasheet (PDF)

Go To PDF Page Download Datasheet
5770A Datasheet PDF - Microsemi Corporation

Part # 5770A
Download  5770A Click to download

File Size   64.13 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options

5770A Datasheet (HTML) - Microsemi Corporation




Similar Part No. - 5770A

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
577002B00000 AAVID-577002B00000 Datasheet
79Kb / 2P
For use with TO-220 packages
2/26/2003
577002B00000G AAVID-577002B00000G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
577002B00000G AAVID-577002B00000G Datasheet
8Mb / 116P
How to Use This Catalog
577002B00000G AAVID-577002B00000G Datasheet
26Kb / 2P
Product Change Notification
September 20, 2005
577002B04000 AAVID-577002B04000 Datasheet
82Kb / 2P
For use with TO-220 packages
2/26/2003
More results


Similar Description - 5770A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
6510A MICROSEMI-6510A Datasheet
67Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
5768A MICROSEMI-5768A Datasheet
64Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
5772A MICROSEMI-5772A Datasheet
63Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
5774A MICROSEMI-5774A Datasheet
65Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6100A MICROSEMI-6100A Datasheet
66Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6101A MICROSEMI-6101A Datasheet
66Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6506A MICROSEMI-6506A Datasheet
65Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6508A MICROSEMI-6508A Datasheet
65Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6509A MICROSEMI-6509A Datasheet
65Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
6511A MICROSEMI-6511A Datasheet
65Kb / 2P
Isolated Diode Array with HiRel MQ, MX, MV, and SP Screening Options
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com