Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT1216C Datasheet (PDF) - SMC Diode Solutions Co. LTD

SCT1216C Datasheet PDF - SMC Diode Solutions Co. LTD
Part # SCT1216C
Download  SCT1216C Download
File Size   449.57 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 16A SCRs

SCT1216C Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT1216C Datasheet PDF - SMC Diode Solutions Co. LTD

Part # SCT1216C
Download  SCT1216C Click to download

File Size   449.57 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 16A SCRs

SCT1216C Datasheet (HTML) - SMC Diode Solutions Co. LTD


SCT1216C Product details

With high ability to withstand the shock loading of large current, SCT1216 SCRs provide high dv/dt rate with strong resistance to electromagnetic interference. They are especially recommended for use on solid state relay, motorcycle, power charger, T-tools etc.




Similar Part No. - SCT1216C

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT12080QT YHDC-SCT12080QT Datasheet
9Mb / 1P
Split core current transformer
logo
SMC Diode Solutions Co....
SCT1225A SMCDIODE-SCT1225A Datasheet
470Kb / 6P
25A SCRs
Rev.C
SCT1225C SMCDIODE-SCT1225C Datasheet
470Kb / 6P
25A SCRs
Rev.C
SCT1225E SMCDIODE-SCT1225E Datasheet
470Kb / 6P
25A SCRs
Rev.C
SCT1255SJ SMCDIODE-SCT1255SJ Datasheet
303Kb / 5P
55A SCRs
Rev.-
More results


Similar Description - SCT1216C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN16 STMICROELECTRONICS-TN16 Datasheet
92Kb / 7P
16A SCRs
Apr-2002
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
logo
Nell Semiconductor Co.,...
16PT06AI NELLSEMI-16PT06AI Datasheet
661Kb / 6P
Stansard SCRs, 16A
16PT NELLSEMI-16PT_14 Datasheet
662Kb / 6P
Stansard SCRs, 16A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
Nell Semiconductor Co.,...
16PT NELLSEMI-16PT Datasheet
661Kb / 6P
Stansard SCRs, 16A
logo
Kersemi Electronic Co.,...
TN1625-600G KERSEMI-TN1625-600G Datasheet
417Kb / 7P
16A SCRs
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com