Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT1225A Datasheet (PDF) - SMC Diode Solutions Co. LTD

SCT1225A Datasheet PDF - SMC Diode Solutions Co. LTD
Part # SCT1225A
Download  SCT1225A Download
File Size   470.28 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 25A SCRs

SCT1225A Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT1225A Datasheet PDF - SMC Diode Solutions Co. LTD

Part # SCT1225A
Download  SCT1225A Click to download

File Size   470.28 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 25A SCRs

SCT1225A Datasheet (HTML) - SMC Diode Solutions Co. LTD


SCT1225A Product details

With high ability to withstand the shock loading of large current, SCT1225 SCRs provide high dv/dt rate with strong resistance to electromagnetic interference. They are especially recommended for use on solid state relay, motorcycle, power charger, T-tools etc.




Similar Part No. - SCT1225A

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT12080QT YHDC-SCT12080QT Datasheet
9Mb / 1P
Split core current transformer
logo
SMC Diode Solutions Co....
SCT1216C SMCDIODE-SCT1216C Datasheet
449Kb / 6P
16A SCRs
Rev.A
SCT1216E SMCDIODE-SCT1216E Datasheet
449Kb / 6P
16A SCRs
Rev.A
SCT1216ETR SMCDIODE-SCT1216ETR Datasheet
449Kb / 6P
16A SCRs
Rev.A
SCT1255SJ SMCDIODE-SCT1255SJ Datasheet
303Kb / 5P
55A SCRs
Rev.-
More results


Similar Description - SCT1225A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN25 STMICROELECTRONICS-TN25 Datasheet
93Kb / 7P
25A SCRs
Apr-2002
TYNX25 STMICROELECTRONICS-TYNX25 Datasheet
93Kb / 7P
25A SCRs
Apr-2002
TN25 STMICROELECTRONICS-TN25_06 Datasheet
91Kb / 7P
25A SCRS
13-Feb-2006
logo
JIEJIE MICROELECTRONICS...
JCT625 JIEJIE-JCT625 Datasheet
608Kb / 5P
25A SCRs
SCF25C60 JIEJIE-SCF25C60 Datasheet
461Kb / 4P
25A SCRs
TYN625 JIEJIE-TYN625 Datasheet
575Kb / 6P
25A SCRs
logo
Tiger Electronic Co.,Lt...
TYN625 TGS-TYN625 Datasheet
70Kb / 1P
25A SCRs
logo
Nell Semiconductor Co.,...
25PT NELLSEMI-25PT_14 Datasheet
2Mb / 5P
Stansard SCRs, 25A
logo
JIEJIE MICROELECTRONICS...
JCT1025 JIEJIE-JCT1025 Datasheet
373Kb / 6P
25A SCRs
JCT1625 JIEJIE-JCT1625 Datasheet
367Kb / 5P
25A SCRs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com