Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYNX25 Datasheet (PDF) - STMicroelectronics

TYNX25 Datasheet PDF - STMicroelectronics
Part # TYNX25
Download  TYNX25 Download
File Size   93.52 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25A SCRs

TYNX25 Datasheet (PDF)

Go To PDF Page Download Datasheet
TYNX25 Datasheet PDF - STMicroelectronics

Part # TYNX25
Download  TYNX25 Click to download

File Size   93.52 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 25A SCRs

TYNX25 Datasheet (HTML) - STMicroelectronics


TYNX25 Product details

DESCRIPTION
The TYN / TN25 SCR Series is suitable for general purpose applications.
Using clip assembly technology, they provide a superior performance in surge current capabilities.




Similar Part No. - TYNX25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYNX08 STMICROELECTRONICS-TYNX08 Datasheet
125Kb / 10P
8A SCRS
13-Feb-2006
TYNX08RG STMICROELECTRONICS-TYNX08RG Datasheet
125Kb / 10P
8A SCRS
13-Feb-2006
TYNX10 STMICROELECTRONICS-TYNX10 Datasheet
63Kb / 6P
10A SCR
13-Feb-2006
TYNX12 STMICROELECTRONICS-TYNX12 Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
TYNX12RG STMICROELECTRONICS-TYNX12RG Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
More results


Similar Description - TYNX25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN25 STMICROELECTRONICS-TN25 Datasheet
93Kb / 7P
25A SCRs
Apr-2002
TN25 STMICROELECTRONICS-TN25_06 Datasheet
91Kb / 7P
25A SCRS
13-Feb-2006
logo
JIEJIE MICROELECTRONICS...
JCT625 JIEJIE-JCT625 Datasheet
608Kb / 5P
25A SCRs
SCF25C60 JIEJIE-SCF25C60 Datasheet
461Kb / 4P
25A SCRs
TYN625 JIEJIE-TYN625 Datasheet
575Kb / 6P
25A SCRs
logo
Tiger Electronic Co.,Lt...
TYN625 TGS-TYN625 Datasheet
70Kb / 1P
25A SCRs
logo
Nell Semiconductor Co.,...
25PT NELLSEMI-25PT_14 Datasheet
2Mb / 5P
Stansard SCRs, 25A
25PT NELLSEMI-25PT Datasheet
1Mb / 6P
Stansard SCRs, 25A
logo
JIEJIE MICROELECTRONICS...
JCT1025 JIEJIE-JCT1025 Datasheet
373Kb / 6P
25A SCRs
JCT1625 JIEJIE-JCT1625 Datasheet
367Kb / 5P
25A SCRs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com