Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYNX25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYNX25
Description  25A SCRs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYNX25 Datasheet(HTML) 1 Page - STMicroelectronics

  TYNX25 Datasheet HTML 1Page - STMicroelectronics TYNX25 Datasheet HTML 2Page - STMicroelectronics TYNX25 Datasheet HTML 3Page - STMicroelectronics TYNX25 Datasheet HTML 4Page - STMicroelectronics TYNX25 Datasheet HTML 5Page - STMicroelectronics TYNX25 Datasheet HTML 6Page - STMicroelectronics TYNX25 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
®
TN25 and TYNx25 Series
STANDARD
25A SCRs
April 2002 - Ed: 4A
MAIN FEATURES:
DESCRIPTION
The TYN / TN25 SCR Series is suitable for
general purpose applications.
Using clip assembly technology, they provide a
superior performance in surge current capabilities.
Symbol
Value
Unit
IT(RMS)
25
A
VDRM/VRRM
600 to 1000
V
IGT
40
mA
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (180° conduction angle)
Tc = 100°C
25
A
T(AV)
Average on-state current (180° conduction angle)
Tc = 100°C
16
A
ITSM
Non repetitive surge peak on-state
current
tp = 8.3 ms
Tj = 25°C
314
A
tp = 10 ms
300
I
²tI²t Value for fusing
tp = 10 ms
Tj = 25°C
450
A2S
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 60 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage
5
V
A
K
G
D2PAK
(TN25-G)
G
A
A
K
TO-220AB
(TYN)
A
A
G
K


Similar Part No. - TYNX25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYNX08 STMICROELECTRONICS-TYNX08 Datasheet
125Kb / 10P
8A SCRS
13-Feb-2006
TYNX08RG STMICROELECTRONICS-TYNX08RG Datasheet
125Kb / 10P
8A SCRS
13-Feb-2006
TYNX10 STMICROELECTRONICS-TYNX10 Datasheet
63Kb / 6P
10A SCR
13-Feb-2006
TYNX12 STMICROELECTRONICS-TYNX12 Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
TYNX12RG STMICROELECTRONICS-TYNX12RG Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
More results

Similar Description - TYNX25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN25 STMICROELECTRONICS-TN25 Datasheet
93Kb / 7P
25A SCRs
Apr-2002
TN25 STMICROELECTRONICS-TN25_06 Datasheet
91Kb / 7P
25A SCRS
13-Feb-2006
logo
JIEJIE MICROELECTRONICS...
JCT625 JIEJIE-JCT625 Datasheet
608Kb / 5P
25A SCRs
SCF25C60 JIEJIE-SCF25C60 Datasheet
461Kb / 4P
25A SCRs
TYN625 JIEJIE-TYN625 Datasheet
575Kb / 6P
25A SCRs
logo
Tiger Electronic Co.,Lt...
TYN625 TGS-TYN625 Datasheet
70Kb / 1P
25A SCRs
logo
Nell Semiconductor Co.,...
25PT NELLSEMI-25PT_14 Datasheet
2Mb / 5P
Stansard SCRs, 25A
25PT NELLSEMI-25PT Datasheet
1Mb / 6P
Stansard SCRs, 25A
logo
JIEJIE MICROELECTRONICS...
JCT1025 JIEJIE-JCT1025 Datasheet
373Kb / 6P
25A SCRs
JCT1625 JIEJIE-JCT1625 Datasheet
367Kb / 5P
25A SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com