Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1185SF5 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM1185SF5 Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM1185SF5
Download  LM1185SF5 Download
File Size   169.64 Kbytes
Page   4 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 150 mA C-MOS L.D.O. Regulator

LM1185SF5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1185SF5 Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM1185SF5
Download  LM1185SF5 Click to download

File Size   169.64 Kbytes
Page   4 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 150 mA C-MOS L.D.O. Regulator

LM1185SF5 Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM1185SF5 Product details

DESCRIPTION
The LM1185 series is a low-dropout linear regulators. There are devices designed specifically for battery-operated Systems. Ground current is very small (2µA - Typ), that significantly extending battery life.
Low power consumption and high accuracy is achieved through CMOS and programmable fuse technologies. Output voltage: 1.5V to 6.0V.
The LM1185 consists of a high-precision voltage reference, an error correction circuit, and a current limited output driver. With good transient responses, output remains stable even during load changes.
The SHDN input enables the output to be turned off, resulting in reduced power consumption. Also, the LM1185 having high ripple rejection ratios, the series can be used with power supply noise. A 470pF capacitor from the Bypass input to ground reduces noise present on the internal reference, which in turn significantly reduces output noise.
If output noise is not a concern, this input may be left unconnected. Larger capacitor values Cbp be used, but results in a longer time period to rated output voltage when power is initially applied. The LM1185 incorporates both over-temperature and over-current protection. SOT23-5 (300mW) and SOT-89-5 (500mW) packages are available.

FEATURES
• Extremely Low Supply Current(50µA,Typ.)
• Very Low Dropout Voltage
• 150mA Output Current
• High Output Voltage Accuracy +/- 1.4 %
• Standard or Custom Output Voltages
• Over Currentand Over Temperature Protection
• Small input/output differential : 0.165V at 150mA

APPLICATIONS
• Battery Operated Systems
• Portable Computers
• Portable Cameras and Video Recorders
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers




Similar Part No. - LM1185SF5

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1185SF HTC-LM1185SF Datasheet
176Kb / 4P
150 mA C-MOS L.D.O. Regulator
LM1185SF HTC-LM1185SF_08 Datasheet
176Kb / 4P
150 mA C-MOS L.D.O. Regulator
More results


Similar Description - LM1185SF5

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
1A L.D.O. VOLTAGE REGULATOR
LM1108F HTC-LM1108F Datasheet
177Kb / 4P
300mA C-MOS L.D.O. Regulator
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
logo
HTC Korea TAEJIN Techno...
LM1108 HTC-LM1108 Datasheet
216Kb / 4P
300mA CMOS L.D.O. Regulator
LM1185SF HTC-LM1185SF_08 Datasheet
176Kb / 4P
150 mA C-MOS L.D.O. Regulator
LM8805 HTC-LM8805 Datasheet
181Kb / 5P
600mA CMOS L.D.O. Regulator
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
ABLIC Inc.
S-1312XXXH ABLIC-S-1312XXXH Datasheet
1Mb / 39P
105°C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.2_00
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
150 mA Low Dropout Regulator
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com