Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3D06065M Datasheet (PDF) - SMC Diode Solutions Co. LTD

S3D06065M Datasheet PDF - SMC Diode Solutions Co. LTD
Part # S3D06065M
Download  S3D06065M Download
File Size   1018.36 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 650V SIC POWER SCHOTTKY RECTIFIER

S3D06065M Datasheet (PDF)

Go To PDF Page Download Datasheet
S3D06065M Datasheet PDF - SMC Diode Solutions Co. LTD

Part # S3D06065M
Download  S3D06065M Click to download

File Size   1018.36 Kbytes
Page   6 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 650V SIC POWER SCHOTTKY RECTIFIER

S3D06065M Datasheet (HTML) - SMC Diode Solutions Co. LTD


S3D06065M Product details

175°C TJ operation
Ultra-low switching loss
Switching speeds independent of operating temperature
Low total conduction losses
High forward surge current capability
High package isolation voltage
Terminals finish: 100% Pure Tin
Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional electrical and life testing can be performed
upon request




Similar Part No. - S3D06065M

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
S3D06065A SMCDIODE-S3D06065A Datasheet
1Mb / 10P
6A 650V SIC POWER SCHOTTKY RECTIFIERS
REV.F
S3D06065E SMCDIODE-S3D06065E Datasheet
1Mb / 10P
6A 650V SIC POWER SCHOTTKY RECTIFIERS
REV.F
S3D06065ETR SMCDIODE-S3D06065ETR Datasheet
1Mb / 10P
6A 650V SIC POWER SCHOTTKY RECTIFIERS
REV.F
S3D06065F SMCDIODE-S3D06065F Datasheet
1Mb / 10P
6A 650V SIC POWER SCHOTTKY RECTIFIERS
REV.F
S3D06065G SMCDIODE-S3D06065G Datasheet
1Mb / 10P
6A 650V SIC POWER SCHOTTKY RECTIFIERS
REV.F
More results


Similar Description - S3D06065M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW32G65C5B INFINEON-IDW32G65C5B_15 Datasheet
735Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW40G65C5B INFINEON-IDW40G65C5B_15 Datasheet
707Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
UnitedSiC.
UJ3D06516TS UNITEDSIC-UJ3D06516TS Datasheet
966Kb / 5P
16A - 650V SiC Schottky Diode
Rev. B, January 2018
UJ3D06520KSD UNITEDSIC-UJ3D06520KSD Datasheet
558Kb / 5P
20A - 650V SiC Schottky Diode
Rev. B, April 2018
UJD06506TS UNITEDSIC-UJD06506TS Datasheet
514Kb / 4P
6A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
logo
Silicon Supplies
SIS650S20AS SS-SIS650S20AS Datasheet
989Kb / 3P
650V 20A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S30AS SS-SIS650S30AS Datasheet
1Mb / 3P
650V 30A SiC Schottky Diode
Rev 1.0 30/10/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com