Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7463 Datasheet (PDF) - Maxim Integrated Products

MAX7463 Datasheet PDF - Maxim Integrated Products
Part # MAX7463
Download  MAX7463 Download
File Size   264.17 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Channel Video Reconstruction Filters and Buffers

MAX7463 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7463 Datasheet PDF - Maxim Integrated Products

Part # MAX7463
Download  MAX7463 Click to download

File Size   264.17 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Channel Video Reconstruction Filters and Buffers

MAX7463 Datasheet (HTML) - Maxim Integrated Products


MAX7463 Product details

General Description
The MAX7462/MAX7463 single-channel, standard-definition, integrated video reconstruction filters and buffers are ideal for anti-aliasing and digital-to-analog smoothing video applications or wherever analog video is reconstructed from digital data (such as cable/satellite/terrestrial set-top boxes and DVRs).
The MAX7462 includes a disable function, which places the output in a high-impedance state allowing multiplexing of multiple output signals. It also has an external gain control that sets the output buffer gain to either +6dB or +9.5dB. The higher gain setting allows a lower DAC output signal than the standard 1VP-P signal. The MAX7463 output buffer has a fixed gain of +6dB.
The MAX7462/MAX7463 operate from a single +5V supply and have a flat passband out to 5MHz with a stopband attenuation of -43dB (typ) at 27MHz.
These devices can drive two standard 150Ω AC-coupled or DC-coupled video loads. The output black level of the MAX7462/MAX7463 is less than 1V for DC-coupled outputs.
The MAX7462 is available in an 8-pin µMAX® package and an 8-pin SO package. The MAX7463 is available in an 8-pin SO package. All devices are specified over the 0°C to +85°C temperature range.

Features
♦ Standard-Definition CVBS Video Reconstruction Filters and Buffers
♦ Passband: -0.05dB at 5MHz
♦ Stopband: -43dB at 27MHz
♦ Selectable Gain: +6dB and +9.5dB (MAX7462)
♦ Output Disable (MAX7462)
♦ Drives 2VP-P into Two 150Ω Video Loads
♦ Output Black Level < 1V for DC-Coupled Output
♦ Very Small µMAX and SO Packages

Applications
   Cable/Satellite/Terrestrial Set-Top Boxes
   DVRs
   Hard-Disk Recorders




Similar Part No. - MAX7463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX746 MAXIM-MAX746 Datasheet
157Kb / 16P
High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
19-0192; Rev 1; 11/93
MAX7461 MAXIM-MAX7461 Datasheet
490Kb / 7P
Loss-of-Sync Alarm
Rev 0; 5/06
MAX7461EUK MAXIM-MAX7461EUK Datasheet
490Kb / 7P
Loss-of-Sync Alarm
Rev 0; 5/06
MAX7469 MAXIM-MAX7469 Datasheet
803Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
Rev 0; 5/06
MAX7469 MAXIM-MAX7469 Datasheet
289Kb / 17P
HDTV Continuously Variable Anti-Aliasing Filters
19-0548; Rev 1; 4/07
More results


Similar Description - MAX7463

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7428 MAXIM-MAX7428 Datasheet
444Kb / 21P
Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
MAX7454 MAXIM-MAX7454 Datasheet
145Kb / 8P
HD/SD Switchable Video Filters and Buffers
Rev 0; 10/04
logo
Faraday Technology
TFT1350F FARADAY-TFT1350F Datasheet
61Kb / 2P
ANTIALIASING AND RECONSTRUCTION FILTERS
logo
ON Semiconductor
NCS2553 ONSEMI-NCS2553 Datasheet
129Kb / 9P
3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
NCS2554 ONSEMI-NCS2554 Datasheet
216Kb / 11P
Four-Channel Video Driver with SD Reconstruction Filters
January, 2010 ??Rev. 1
NCS2563 ONSEMI-NCS2563 Datasheet
133Kb / 9P
3-Channel Video Amp with High Definition Reconstruction Filters
March, 2009 ??Rev. 4
logo
Maxim Integrated Produc...
MAX7428 MAXIM-MAX7428_06 Datasheet
357Kb / 21P
Standard Definition Video Reconstruction Filters and Buffers
Rev 0; 2/06
logo
ON Semiconductor
NCS2553DGEVB ONSEMI-NCS2553DGEVB Datasheet
129Kb / 9P
3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
logo
Maxim Integrated Produc...
MAX7445 MAXIM-MAX7445_V01 Datasheet
208Kb / 8P
4-Channel Video Reconstruction Filter
19-2948; Rev 1; 10/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com