Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX746 Datasheet (PDF) - Maxim Integrated Products

MAX746 Datasheet PDF - Maxim Integrated Products
Part # MAX746
Download  MAX746 Download
File Size   157.68 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller

MAX746 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX746 Datasheet PDF - Maxim Integrated Products

Part # MAX746
Download  MAX746 Click to download

File Size   157.68 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller

MAX746 Datasheet (HTML) - Maxim Integrated Products


MAX746 Product details

General Description
The MAX746 is a high-efficiency, high-current, step-down DC-DC power-supply controller that drives external N-channel FETs. It provides 93% to 96% efficiency from a 6V supply voltage with load currents ranging from 50mA up to 3A. It uses a pulse-width-modulating (PWM) current-mode control scheme to provide precise output regulation and low output noise. The MAX746s 4V to 15V input voltage range, fixed 5V/adjustable (Dual-ModeTM) output, and adjustable current limit make this device ideal for a wide range of applications.
High efficiency is maintained with light loads due to a proprietary automatic pulse-skipping control (Idle-ModeTM) scheme that minimizes switching losses by reducing the switching frequency at light loads. The low 950µA quiescent current and ultra-low 1.4µA shutdown current further extend battery life.

Features
♦ 93% to 96% Efficiency for 50mA to 3A
   Output Currents
♦ 4V to 15V Input Voltage Range
♦ Low 950µA Supply Current
♦ 1.4µA Shutdown Current
♦ Drives External N-Channel FETs
♦ Fixed-Frequency Current-Mode PWM (Heavy Loads)
♦ Idle-Mode PFM (Light Loads)
♦ Cycle-by-Cycle Current Limiting
♦ 2V ±1.5% Accurate Reference Output
♦ Adjustable Soft-Start
♦ Undervoltage Lockout
♦ Precision Comparator for Power-Fail or
   Low-Battery Warning

Applications
   5V-to-3.3V Green PC Applications
   Notebook/Laptop Computers
   Personal Digital Assistants
   Battery-Operated Equipment
   Cellular Phones




Similar Part No. - MAX746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7461 MAXIM-MAX7461 Datasheet
490Kb / 7P
Loss-of-Sync Alarm
Rev 0; 5/06
MAX7461EUK MAXIM-MAX7461EUK Datasheet
490Kb / 7P
Loss-of-Sync Alarm
Rev 0; 5/06
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
MAX7462USA MAXIM-MAX7462USA Datasheet
264Kb / 8P
Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
MAX7462UUA MAXIM-MAX7462UUA Datasheet
264Kb / 8P
Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
More results


Similar Description - MAX746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX747 MAXIM-MAX747 Datasheet
136Kb / 12P
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
19-0171; Rev 1; 9/93
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
High-Efficiency, Step-Down DC/DC Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
high efficiency synchronous PWM step down DC/DC converter
logo
Unisonic Technologies
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Cypress Semiconductor
MB39C502 CYPRESS-MB39C502 Datasheet
1Mb / 46P
High Efficiency Step Down DC/DC Controller Datasheet
logo
Unisonic Technologies
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com