Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

203X Datasheet (PDF) - Tyco Electronics

203X Datasheet PDF - Tyco Electronics
Part # 203X
Download  203X Download
File Size   237.56 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3 dB Hybrid Couplers

203X Datasheet (PDF)

Go To PDF Page Download Datasheet
203X Datasheet PDF - Tyco Electronics

Part # 203X
Download  203X Click to download

File Size   237.56 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 3 dB Hybrid Couplers

203X Datasheet (HTML) - Tyco Electronics


203X Product details

Description
3 dB quadrature mini-hybrids are the ultimate in compact, rugged high stress environment components. The crossover feature of the location of both outputs on one side allows simplicity in system or subsystem design. Multi-octave coverage of the complete frequency spectrum, along with high isolation performance, qualifies them as an asset to any system.

Features
• 90o Quadrature Phase
• Frequency Range: 0.05 - 18 GHz
• Temperature Range: -65o to 125oC
• Meets MIL-E-5400 Environments
• Non-crossover Versions Available




Similar Part No. - 203X

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
203X MA-COM-203X Datasheet
505Kb / 4P
3 dB Hybrid Couplers
logo
Pro-Power
203X3.6MM BLK 100PK PROPOWER-203X3.6MM BLK 100PK Datasheet
219Kb / 3P
Nylon Cable Ties
22/06/23 V1.1
203X3.6MM NAT 1000PK PROPOWER-203X3.6MM NAT 1000PK Datasheet
219Kb / 3P
Nylon Cable Ties
22/06/23 V1.1
203X3.6MM NAT 100PK PROPOWER-203X3.6MM NAT 100PK Datasheet
219Kb / 3P
Nylon Cable Ties
22/06/23 V1.1
203X4.6MM BLK 1000PK PROPOWER-203X4.6MM BLK 1000PK Datasheet
219Kb / 3P
Nylon Cable Ties
22/06/23 V1.1
More results


Similar Description - 203X

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1F1304-3 ANAREN-1F1304-3 Datasheet
167Kb / 2P
Hybrid Couplers 3 dB, 90째
1P503S ANAREN-1P503S Datasheet
360Kb / 3P
Hybrid Couplers 3 dB, 90째
11302-3 ANAREN-11302-3 Datasheet
360Kb / 3P
Hybrid Couplers 3 dB, 90째
11304-3S ANAREN-11304-3S Datasheet
163Kb / 2P
Hybrid Couplers 3 dB, 90째
1R0263-3 ANAREN-1R0263-3_14 Datasheet
289Kb / 3P
Hybrid Couplers 3 dB, 90
10011-3 ANAREN-10011-3 Datasheet
162Kb / 4P
Hybrid Couplers 3 dB, 90
1A0230-3 ANAREN-1A0230-3_14 Datasheet
302Kb / 3P
Hybrid Couplers 3 dB, 90
1B0024-3 ANAREN-1B0024-3_14 Datasheet
175Kb / 4P
Hybrid Couplers 3 dB, 90
logo
M/A-COM Technology Solu...
203X MA-COM-203X Datasheet
505Kb / 4P
3 dB Hybrid Couplers
logo
Anaren Microwave
11306-3S ANAREN-11306-3S Datasheet
352Kb / 2P
Hybrid Couplers 3 dB, 90
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com