Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

203X Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

203X Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # 203X
Download  203X Download
File Size   505.61 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 3 dB Hybrid Couplers

203X Datasheet (PDF)

Go To PDF Page Download Datasheet
203X Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # 203X
Download  203X Click to download

File Size   505.61 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 3 dB Hybrid Couplers

203X Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


203X Product details

Description
3 dB quadrature mini-hybrids are the ultimate in compact, rugged high stress environment components. The crossover feature of the location of both outputs on one side allows simplicity in system or subsystem design. Multi-octave coverage of the complete frequency spectrum, along with high isolation performance, qualifies them as an asset to any system.

Features
• 90o Quadrature Phase
• Frequency Range: 0.05 - 18 GHz
• Temperature Range: -65o to 125oC
• Meets MIL-E-5400 Environments
• Non-crossover Versions Available




Similar Part No. - 203X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
203X MACOM-203X Datasheet
237Kb / 3P
3 dB Hybrid Couplers
logo
Pro-Power
203X3.6MM BLK 100PK PROPOWER-203X3.6MM BLK 100PK Datasheet
219Kb / 3P
Nylon Cable Ties
22/06/23 V1.1
203X3.6MM NAT 1000PK PROPOWER-203X3.6MM NAT 1000PK Datasheet
219Kb / 3P
Nylon Cable Ties
22/06/23 V1.1
203X3.6MM NAT 100PK PROPOWER-203X3.6MM NAT 100PK Datasheet
219Kb / 3P
Nylon Cable Ties
22/06/23 V1.1
203X4.6MM BLK 1000PK PROPOWER-203X4.6MM BLK 1000PK Datasheet
219Kb / 3P
Nylon Cable Ties
22/06/23 V1.1
More results


Similar Description - 203X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
203X MACOM-203X Datasheet
237Kb / 3P
3 dB Hybrid Couplers
logo
Anaren Microwave
1F1304-3 ANAREN-1F1304-3 Datasheet
167Kb / 2P
Hybrid Couplers 3 dB, 90째
1P503S ANAREN-1P503S Datasheet
360Kb / 3P
Hybrid Couplers 3 dB, 90째
11302-3 ANAREN-11302-3 Datasheet
360Kb / 3P
Hybrid Couplers 3 dB, 90째
11304-3S ANAREN-11304-3S Datasheet
163Kb / 2P
Hybrid Couplers 3 dB, 90째
1R0263-3 ANAREN-1R0263-3_14 Datasheet
289Kb / 3P
Hybrid Couplers 3 dB, 90
10011-3 ANAREN-10011-3 Datasheet
162Kb / 4P
Hybrid Couplers 3 dB, 90
1A0230-3 ANAREN-1A0230-3_14 Datasheet
302Kb / 3P
Hybrid Couplers 3 dB, 90
1B0024-3 ANAREN-1B0024-3_14 Datasheet
175Kb / 4P
Hybrid Couplers 3 dB, 90
11306-3S ANAREN-11306-3S Datasheet
352Kb / 2P
Hybrid Couplers 3 dB, 90
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com