Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F826 Datasheet (PDF) - Freescale Semiconductor, Inc

DSP56F826 Datasheet PDF - Freescale Semiconductor, Inc
Part # DSP56F826
Download  DSP56F826 Download
File Size   983.87 Kbytes
Page   56 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16-bit Digital Signal Controllers

DSP56F826 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSP56F826 Datasheet PDF - Freescale Semiconductor, Inc

Part # DSP56F826
Download  DSP56F826 Click to download

File Size   983.87 Kbytes
Page   56 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16-bit Digital Signal Controllers

DSP56F826 Datasheet (HTML) - Freescale Semiconductor, Inc


DSP56F826 Product details

56F826 General Description

• Up to 40 MIPS at 80MHz core frequency
• DSP and MCU functionality in a unified, C-efficient architecture
• Hardware DO and REP loops
• MCU-friendly instruction set supports both DSP and controller functions: MAC, bit manipulation unit, 14 addressing modes
• 31.5K × 16-bit words (64KB) Program Flash
• 512 × 16-bit words (1KB) Program RAM
• 2K × 16-bit words (4KB) Data Flash
• 4K × 16-bit words (8KB) Data RAM
• 2K × 16-bit words (4KB) BootFLASH
• Up to 64K × 16-bit words each of external memory expansion for Program and Data memory
• One Serial Port Interface (SPI)
• One additional SPI or two optional Serial Communication Interfaces (SCI)
• One Synchronous Serial Interface (SSI)
• One General Purpose Quad Timer
• JTAG/OnCE™ for debugging
• 100-pin LQFP Package
• 16 dedicated and 30 shared GPIO
• Time-of-Day (TOD) Timer

56F826 Features
Processing Core
• Efficient 16-bit 56800 family controller engine with dual Harvard architecture
• As many as 40 Million Instructions Per Second (MIPS) at 80MHz core frequency
• Single-cycle 16 × 16-bit parallel Multiplier-Accumulator (MAC)
• Two 36-bit accumulators, including extension bits
• 16-bit bidirectional barrel shifter
• Parallel instruction set with unique processor addressing modes
• Hardware DO and REP loops
• Three internal address buses and one external address bus
• Four internal data buses and one external data bus
• Instruction set supports both DSP and controller functions
• Controller-style addressing modes and instructions for compact code
• Efficient C Compiler and local variable support
• Software subroutine and interrupt stack with depth limited only by memory
• JTAG/OnCE Debug Programming Interface




Similar Part No. - DSP56F826

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F826 MOTOROLA-DSP56F826 Datasheet
591Kb / 44P
Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56F826 FREESCALE-DSP56F826 Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
DSP56F826-827UM FREESCALE-DSP56F826-827UM Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
logo
Motorola, Inc
DSP56F826-827UM/D MOTOROLA-DSP56F826-827UM/D Datasheet
1Mb / 52P
56F827 16-bit Hybrid Controller
DSP56F826D MOTOROLA-DSP56F826D Datasheet
591Kb / 44P
Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor
More results


Similar Description - DSP56F826

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
16-bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
16-bit Digital Signal Controllers
56F8357 FREESCALE-56F8357 Datasheet
2Mb / 177P
16-bit Digital Signal Controllers
56F8366 FREESCALE-56F8366_07 Datasheet
2Mb / 184P
16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
16-bit Digital Signal Controllers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com