Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56854 Datasheet (PDF) - Freescale Semiconductor, Inc

56854 Datasheet PDF - Freescale Semiconductor, Inc
Part # 56854
Download  56854 Download
File Size   1551.41 Kbytes
Page   60 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16-bit Digital Signal Controllers

56854 Datasheet (PDF)

Go To PDF Page Download Datasheet
56854 Datasheet PDF - Freescale Semiconductor, Inc

Part # 56854
Download  56854 Click to download

File Size   1551.41 Kbytes
Page   60 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 16-bit Digital Signal Controllers

56854 Datasheet (HTML) - Freescale Semiconductor, Inc


56854 Product details

56854 General Description

• 120 MIPS at 120MHz
• 16K x 16-bit Program SRAM
• 16K x 16-bit Data SRAM
• 1K x 16-bit Boot ROM
• Access up to 2M words of program or 8M data memory
• Chip Select Logic for glue-less interface to ROM and SRAM
• Six (6) independent channels of DMA
• Enhanced Synchronous Serial Interfaces (ESSI)
• Two (2) Serial Communication Interfaces (SCI)
• Serial Port Interface (SPI)
• 8-bit Parallel Host Interface
• General Purpose 16-bit Quad Timer
• JTAG/Enhanced On-Chip Emulation (OnCE™) for unobtrusive, real-time debugging
• Computer Operating Properly (COP)/Watchdog Timer
• Time-of-Day (TOD)
• 128 LQFP package
• Up to 41 GPIO

56854 Features
Digital Signal Processing Core
• Efficient 16-bit engine with dual Harvard architecture
• 120 Million Instructions Per Second (MIPS) at 120MHz core frequency
• Single-cycle 16 × 16-bit parallel Multiplier-Accumulator (MAC)
• Four (4) 36-bit accumulators including extension bits
• 16-bit bidirectional shifter
• Parallel instruction set with unique DSP addressing modes
• Hardware DO and REP loops
• Three (3) internal address buses and one (1) external address bus
• Four (4) internal data buses and one (1) external data bus
• Instruction set supports both DSP and controller functions
• Four (4) hardware interrupt levels
• Five (5) software interrupt levels
• Controller-style addressing modes and instructions for compact code
• Efficient C Compiler and local variable support
• Software subroutine and interrupt stack with depth limited only by memory
• JTAG/Enhanced OnCE debug programming interface




Similar Part No. - 56854

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
56854 NXP-56854 Datasheet
2Mb / 60P
16-bit Digital Signal Controllers
Rev. 6 01/2007
More results


Similar Description - 56854

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
16-bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
16-bit Digital Signal Controllers
56F8357 FREESCALE-56F8357 Datasheet
2Mb / 177P
16-bit Digital Signal Controllers
56F8366 FREESCALE-56F8366_07 Datasheet
2Mb / 184P
16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
16-bit Digital Signal Controllers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com