Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8120 Datasheet (PDF) - Analog Devices

ADL8120 Datasheet PDF - Analog Devices
Part # ADL8120
Download  ADL8120 Download
File Size   2625.65 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 kHz to 20 GHz, Ultra-Wideband, Low Noise Amplifier

ADL8120 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL8120 Datasheet PDF - Analog Devices

Part # ADL8120
Download  ADL8120 Click to download

File Size   2625.65 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 30 kHz to 20 GHz, Ultra-Wideband, Low Noise Amplifier

ADL8120 Datasheet (HTML) - Analog Devices


ADL8120 Product details

FEATURES
► Single positive supply (self biased)
► Resistor programmable bias setting
► Wideband operation: 30 kHz to 20 GHz
► Extended operating temperature range: −55°C to +125°C
► RoHS-compliant, 2 mm × 2 mm, 8-lead LFCSP

APPLICATIONS
► Telecommunications
► Instrumentation
► Radar
► Electronic warfare

GENERAL DESCRIPTION
The ADL8120 is an ultra-wideband low noise amplifier (LNA) that
operates from 30 kHz to 20 GHz. Typical gain and noise figure are
14 dB and 1.9 dB, respectively, from 30 kHz to 14 GHz. Output
power for 1 dB compression (OP1dB), output third-order intercept
(OIP3), and output second-order intercept (OIP2) are
16 dBm, 29.5 dBm and 33 dBm, respectively, from 30 kHz to
14 GHz. The nominal quiescent current (IDQ), which can be adjusted,
is 55 mA from a 3.3 V supply voltage (VDD). The internally
matched, DC-coupled RF input and output pins require external
AC coupling capacitors along with a bias inductor on RFOUT.
In addition, the RF input is biased through an external inductor
connected between the VBIAS pin and the RFIN pin.




Similar Part No. - ADL8120

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8121 AD-ADL8121 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
Rev. 0
ADL8121 AD-ADL8121 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
Rev. A
ADL8121-EVALZ AD-ADL8121-EVALZ Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
Rev. 0
ADL8121-EVALZ AD-ADL8121-EVALZ Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
Rev. A
ADL8121ACPZN AD-ADL8121ACPZN Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
Rev. 0
More results


Similar Description - ADL8120

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2125C ELANTEC-EL2125C Datasheet
283Kb / 10P
Ultra-low Noise, Low Power, Wideband Amplifier
logo
Intersil Corporation
EL2125 INTERSIL-EL2125 Datasheet
401Kb / 15P
Ultra-Low Noise, Low Power, Wideband Amplifier
April 21, 2005
EL2126 INTERSIL-EL2126 Datasheet
275Kb / 15P
Ultra-Low Noise, Low Power, Wideband Amplifier
May 9, 2005
EL2126_0705 INTERSIL-EL2126_0705 Datasheet
345Kb / 19P
Ultra-Low Noise, Low Power, Wideband Amplifier
May 2, 2007
EL2125 INTERSIL-EL2125_07 Datasheet
401Kb / 16P
Ultra-Low Noise, Low Power, Wideband Amplifier
May 4, 2007
logo
Hittite Microwave Corpo...
HMC-ALH102 HITTITE-HMC-ALH102 Datasheet
181Kb / 6P
GaAs HEMT MMIC WIDEBAND LOW NOISE AMPLIFIER, 2 - 20 GHz
logo
NXP Semiconductors
BGU7044 PHILIPS-BGU7044 Datasheet
163Kb / 10P
1 GHz wideband low-noise amplifier
Rev. 1-2 January 2012
logo
Texas Instruments
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
Ultra Low Noise Wideband Operational Amplifier
logo
Renesas Technology Corp
EL2125 RENESAS-EL2125 Datasheet
852Kb / 16P
Ultra-Low Noise, Low Power, Wideband Amplifier
logo
Analog Devices
HMC-C582 AD-HMC-C582 Datasheet
214Kb / 10P
0.01 GHz to 20 GHz, Ultra Wideband Power Amplifier Module
9/2016-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com