Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA9007-2 Datasheet (PDF) - Analog Devices

ADPA9007-2 Datasheet PDF - Analog Devices
Part # ADPA9007-2
Download  ADPA9007-2 Download
File Size   1567.0 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier

ADPA9007-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPA9007-2 Datasheet PDF - Analog Devices

Part # ADPA9007-2
Download  ADPA9007-2 Click to download

File Size   1567.0 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier

ADPA9007-2 Datasheet (HTML) - Analog Devices


ADPA9007-2 Product details

FEATURES
► Wideband, internally matched, RF power amplifier
► DC-coupled input and output
► Integrated RF power detector
► Integrated temperature sensor
► Gain: 13 dB typical at 8 GHz to 16 GHz
► OP1dB: 32.5 dBm typical at 8 GHz to 16 GHz
► PSAT: 33.5 dBm typical at 8 GHz to 16 GHz
► OIP3: 43.5 dBm typical at 8 GHz to 16 GHz

APPLICATIONS
► Electronic warfare
► Radar
► Test and measurement equipment

GENERAL DESCRIPTION
The ADPA9007-2CHIP is a 2 W, RF power amplifier that operates
from DC to 28 GHz. The RF input and output are internally matched
and DC-coupled. The ADPA9007-2CHIP includes an integrated
temperature-compensated RF power detector and an integrated
temperature sensor.
The ADPA9007-2CHIP amplifier provides a gain of 13 dB, an output
power for 1 dB compression (OP1dB) of 32.5 dBm, and an output
third-order intercept (OIP3) of 43.5 dBm from 8 GHz to 16 GHz.
The amplifier operates from a typical supply voltage (VDD) of 15 V
and has a 500 mA typical quiescent drain current (IDQ), which is
adjustable.




Similar Part No. - ADPA9007-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA9007 AD-ADPA9007 Datasheet
2Mb / 28P
DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier
Rev. 0
More results


Similar Description - ADPA9007-2

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619 HITTITE-HMC619_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC659 HITTITE-HMC659_09 Datasheet
296Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
logo
Analog Devices
ADPA7002CHIP AD-ADPA7002CHIP Datasheet
565Kb / 23P
GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
2/2019-Revision 0
ADL9006 AD-ADL9006 Datasheet
397Kb / 14P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
8/2020-Revision 0
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
HMC1022ACHIPS AD-HMC1022ACHIPS Datasheet
448Kb / 17P
GaAs, pHEMT, MMIC, 0.25 W Power Amplifier, DC to 48 GHz
1/2019-Revision 0
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
7/2019-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com