Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA9007 Datasheet (PDF) - Analog Devices

ADPA9007 Datasheet PDF - Analog Devices
Part # ADPA9007
Download  ADPA9007 Download
File Size   2130.04 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier

ADPA9007 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPA9007 Datasheet PDF - Analog Devices

Part # ADPA9007
Download  ADPA9007 Click to download

File Size   2130.04 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier

ADPA9007 Datasheet (HTML) - Analog Devices


ADPA9007 Product details

FEATURES
► Wideband, internally-matched, RF power amplifier
► DC-coupled input and output
► Integrated RF power detector
► Integrated temperature sensor
► Gain: 12.5 dB typical at 2 GHz to 16 GHz
► OP1dB: 33 dBm typical at 2 GHz to 16 GHz
► PSAT: 34 dBm typical at 2 GHz to 16 GHz
► OIP3: 45 dBm typical at 2 GHz to 16 GHz
► 32-Lead, 5.00 mm × 5.00 mm, LFCSP_CAV package

APPLICATIONS
► Electronic warfare
► Radar
► Test and measurement equipment

GENERAL DESCRIPTION
The ADPA9007 is a 2 W, RF power amplifier that operates from
DC to 28 GHz. The RF input and output are internally-matched and
DC-coupled. The ADPA9007 includes an integrated temperaturecompensated RF power detector and an integrated temperature
sensor.
The ADPA9007 amplifier provides a gain of 12.5 dB, an output
power for 1 dB compression (OP1dB) of 33 dBm, and an output
third-order intercept (OIP3) of 45 dBm from 2 GHz to 16 GHz. The
amplifier operates from a typical supply voltage of 15 V and has a
500 mA typical quiescent bias current, which is adjustable.
The ADPA9007 is fabricated on a gallium arsenide (GaAs), pseudomorphic high electron mobility transistor (pHEMT) process. The
amplifier is housed in an RoHS-compliant, 32-Lead, 5 mm × 5 mm,
lead frame chip scale package, premolded cavity [LFCSP_CAV]
and is specified for operation from −40°C to +85°C.




Similar Part No. - ADPA9007

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA9007-2 AD-ADPA9007-2 Datasheet
1Mb / 28P
DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier
Rev. 0
More results


Similar Description - ADPA9007

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC619 HITTITE-HMC619 Datasheet
305Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619 HITTITE-HMC619_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC619LP5 HITTITE-HMC619LP5 Datasheet
279Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 10 GHz
HMC659 HITTITE-HMC659_09 Datasheet
296Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 15 GHz
logo
Analog Devices
ADPA7002CHIP AD-ADPA7002CHIP Datasheet
565Kb / 23P
GaAs, pHEMT, MMIC,1/2 W, Power Amplifier
2/2019-Revision 0
ADL9006 AD-ADL9006 Datasheet
397Kb / 14P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
8/2020-Revision 0
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
HMC1022ACHIPS AD-HMC1022ACHIPS Datasheet
448Kb / 17P
GaAs, pHEMT, MMIC, 0.25 W Power Amplifier, DC to 48 GHz
1/2019-Revision 0
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
ADPA7006CHIP AD-ADPA7006CHIP Datasheet
460Kb / 24P
18 GHz to 44 GHz, GaAs, pHEMT, MMIC, 1/2 W Power Amplifier
7/2019-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com