Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA9007 Datasheet(PDF) 2 Page - Analog Devices

Part # ADPA9007
Description  DC to 28 GHz, GaAs, pHEMT, 2 W Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9007 Datasheet(HTML) 2 Page - Analog Devices

  ADPA9007 Datasheet HTML 1Page - Analog Devices ADPA9007 Datasheet HTML 2Page - Analog Devices ADPA9007 Datasheet HTML 3Page - Analog Devices ADPA9007 Datasheet HTML 4Page - Analog Devices ADPA9007 Datasheet HTML 5Page - Analog Devices ADPA9007 Datasheet HTML 6Page - Analog Devices ADPA9007 Datasheet HTML 7Page - Analog Devices ADPA9007 Datasheet HTML 8Page - Analog Devices ADPA9007 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Data Sheet
ADPA9007
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 28
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................1
Specifications........................................................ 3
0.05 GHz to 2 GHz Frequency Range............... 3
2 GHz to 16 GHz Frequency Range.................. 3
16 GHz to 20 GHz Frequency Range................ 4
20 GHz to 24 GHz Frequency Range ............... 4
24 GHz to 28 GHz Frequency Range................ 5
Absolute Maximum Ratings...................................6
Thermal Resistance........................................... 6
Electrostatic Discharge (ESD) Ratings ..............6
ESD Caution.......................................................6
Pin Configuration and Function Descriptions........ 7
Interface Schematics..........................................8
Typical Performance Characteristics..................... 9
Theory of Operation.............................................22
Applications Information...................................... 23
Power-Up Sequencing..................................... 23
Power-Down Sequencing.................................23
Biasing the ADPA9007 with the HMC980LP4E...24
Application Circuit Setup.................................. 24
Limiting VGATE for the ADPA9007 VGG1......... 24
HMC980LP4E Bias Sequence......................... 25
Constant Drain Current Biasing vs.
Constant Gate Voltage Biasing...................... 25
Outline Dimensions............................................. 28
Ordering Guide.................................................28
Evaluation Boards............................................ 28
REVISION HISTORY
12/2023—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com