Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM05-0006 Datasheet (PDF) - Tyco Electronics

AM05-0006 Datasheet PDF - Tyco Electronics
Part # AM05-0006
Download  AM05-0006 Download
File Size   295.57 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Intercept Amplifier, 15-100 MHz

AM05-0006 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM05-0006 Datasheet PDF - Tyco Electronics

Part # AM05-0006
Download  AM05-0006 Click to download

File Size   295.57 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Intercept Amplifier, 15-100 MHz

AM05-0006 Datasheet (HTML) - Tyco Electronics




Similar Part No. - AM05-0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM05-0006 MACOM-AM05-0006 Datasheet
242Kb / 3P
High Intercept Amplifier, 15 - 100 MHz
logo
M/A-COM Technology Solu...
AM05-0006 MA-COM-AM05-0006 Datasheet
95Kb / 3P
High Intercept Amplifier, 15 - 100 MHz
logo
Tyco Electronics
AM05-0006-TB MACOM-AM05-0006-TB Datasheet
242Kb / 3P
High Intercept Amplifier, 15 - 100 MHz
logo
M/A-COM Technology Solu...
AM05-0006-TB MA-COM-AM05-0006-TB Datasheet
95Kb / 3P
High Intercept Amplifier, 15 - 100 MHz
logo
Tyco Electronics
AM05-0006TR MACOM-AM05-0006TR Datasheet
242Kb / 3P
High Intercept Amplifier, 15 - 100 MHz
More results


Similar Description - AM05-0006

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2120C ELANTEC-EL2120C Datasheet
354Kb / 12P
100 MHz Current Feedback Amplifier
logo
Tyco Electronics
AM-AMC-134 MACOM-AM-AMC-134 Datasheet
253Kb / 3P
High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
AM05-0005 MACOM-AM05-0005 Datasheet
241Kb / 3P
High Intercept Amplifier, 15 - 100 MHz
AM05-0006 MACOM-AM05-0006 Datasheet
242Kb / 3P
High Intercept Amplifier, 15 - 100 MHz
AM05-0005 MACOM-AM05-0005_1 Datasheet
289Kb / 3P
High Intercept Amplifier, 15-100 MHz
logo
M/A-COM Technology Solu...
AM05-0005 MA-COM-AM05-0005 Datasheet
94Kb / 3P
High Intercept Amplifier 15 - 100 MHz
AM05-0006 MA-COM-AM05-0006 Datasheet
95Kb / 3P
High Intercept Amplifier, 15 - 100 MHz
A1212 MA-COM-A1212_15 Datasheet
730Kb / 5P
Cascadable Amplifier 100 - 1200 MHz
logo
Teledyne Technologies I...
TSA-213242 TELEDYNE-TSA-213242 Datasheet
172Kb / 2P
100 TO 1500 MHz, 15 WATTS HIGH POWER GaN AMPLIFIER
logo
Guerrilla RF, Inc.
GRF5112 GUERRILLA-GRF5112 Datasheet
1Mb / 16P
HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz
March 1, 2022
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com