Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR182 Datasheet (PDF) - Inchange Semiconductor Company Limited

BFR182 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BFR182
Download  BFR182 Download
File Size   236.8 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Noise Silicon Bipolar RF Transistor

BFR182 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR182 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BFR182
Download  BFR182 Click to download

File Size   236.8 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Low Noise Silicon Bipolar RF Transistor

BFR182 Datasheet (HTML) - Inchange Semiconductor Company Limited


BFR182 Product details

DESCRIPTION
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 12V(Min)
·DC Current Gain-
: hFE= 70(Min)@ IC= 10mA




Similar Part No. - BFR182

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFR182 SIEMENS-BFR182 Datasheet
71Kb / 8P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 1mA to 20mA)
logo
Infineon Technologies A...
BFR182 INFINEON-BFR182 Datasheet
79Kb / 7P
NPN Silicon RF Transistor
Aug-09-2001
BFR182 INFINEON-BFR182 Datasheet
133Kb / 7P
NPN Silicon RF Transistor
2007-03-30
BFR182 INFINEON-BFR182 Datasheet
618Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-07
logo
Vishay Siliconix
BFR182T VISHAY-BFR182T Datasheet
68Kb / 4P
Silicon NPN Planar RF Transistor
20-Jan-99
More results


Similar Description - BFR182

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2015-10-12
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-11-07
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-07
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com