Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFR182 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BFR182
Description  Low Noise Silicon Bipolar RF Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BFR182 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BFR182 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BFR182 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BFR182 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Low Noise Silicon Bipolar RF Transistor
BFR182
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO
Collector-Emitter Sustaining Voltage IC=1mA ; IB=0
12
--
--
V
ICES
Collector-emitter cutoff current
VCE= 20V; VBE=0
--
--
5.0
mA
ICBO
Collector-base cutoff current
VCB= 10V; IE=0
--
--
1.0
mA
IEBO
Emitter-base cutoff current
VEB= 1V; IC=0
--
--
0.5
mA
hFE-1
DC Current Gain
IC= 10mA ; VCE= 8V
70
--
140
fT
Transition frequency
IC = 15mA, VCE = 8 V,
f = 500 MHz
6
8
--
GHz
Ccb
Collector-base capacitance
VCB = 10V, f = 1MHz, VBE = 0,
emitter grounded
--
0.32
0.5
pF
Cce
Collector emitter capacitance
VCE = 10V, f = 1MHz, VBE = 0,
base grounded
--
0.2
--
Ceb
Emitter-base capacitance
VEB = 0.5 V, f = 1MHz, VCB = 0,
collector grounded
--
0.8
--
NFmin
Minimum noise figure
IC=3mA, VCE=8V, ZS = ZSopt,
f = 900 MHz
--
0.9
dB
IC=3mA, VCE=8V, ZS = ZSopt,
f = 1.8GHz
--
1.3
|S21e|2
Transducer gain
IC= 10mA, VCE = 8V, ZS = ZL =
50 Ω,f = 900 MHz
--
15
dB
IC=10mA, VCE = 8V, ZS = ZL =
50 Ω,f = 1.8 GHz
--
9.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com