Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-180 Datasheet (PDF) - Tyco Electronics

AM-180 Datasheet PDF - Tyco Electronics
Part # AM-180
Download  AM-180 Download
File Size   278.37 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Thin Film Amplifier 10 dB Gain, 10 - 2000 MHz

AM-180 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM-180 Datasheet PDF - Tyco Electronics

Part # AM-180
Download  AM-180 Click to download

File Size   278.37 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Thin Film Amplifier 10 dB Gain, 10 - 2000 MHz

AM-180 Datasheet (HTML) - Tyco Electronics


AM-180 Product details

Description
M/A-COM’s AM-180 is a feedback amplifier with high intercept and compression points. This amplifier is packaged in a TO-8 package. Due to the internal power dissipation the thermal rise should be minimized. The ground plane on the PC board should be configured to remove heat from under the package. AM-180 is ideally suited for use where a high intercept, high reliability amplifier is required.

Features
• +14 dBm Typical 1 dB Compression
• 5 dB Typical Noise Figure
• 1.4:1 Typical VSWR




Similar Part No. - AM-180

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM-180 MA-COM-AM-180 Datasheet
89Kb / 3P
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
AM-180-AMC-180 MA-COM-AM-180-AMC-180 Datasheet
89Kb / 3P
Cascadable Thin Film Amplifier
AM-180-AMC-180 MA-COM-AM-180-AMC-180_15 Datasheet
89Kb / 3P
Cascadable Thin Film Amplifier
logo
Tyco Electronics
AM-180PIN MACOM-AM-180PIN Datasheet
223Kb / 3P
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
logo
M/A-COM Technology Solu...
AM-180PIN MA-COM-AM-180PIN Datasheet
89Kb / 3P
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
More results


Similar Description - AM-180

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-177 MACOM-AM-177 Datasheet
193Kb / 2P
Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
AM-AMC-180 MACOM-AM-AMC-180 Datasheet
223Kb / 3P
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
AM-AMC-184 MACOM-AM-AMC-184 Datasheet
223Kb / 3P
Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
AM-183 MACOM-AM-183 Datasheet
154Kb / 3P
Cascadable Thin Film Amplifier 28.5 dB Gain, 10 - 1000 MHz
AM-184 MACOM-AM-184 Datasheet
155Kb / 3P
Cascadable Thin Film Amplifier 20 dB Gain, 10 - 2000 MHz
logo
M/A-COM Technology Solu...
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 1000 MHz
AM-180 MA-COM-AM-180 Datasheet
89Kb / 3P
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
AM-183 MA-COM-AM-183 Datasheet
82Kb / 3P
Cascadable Thin Film Amplifier, 28.5 dB Gain, 10 - 1000 MHz
AM-184 MA-COM-AM-184 Datasheet
82Kb / 3P
Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com