Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM-180 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AM-180 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AM-180
Download  AM-180 Download
File Size   89.69 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz

AM-180 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM-180 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AM-180
Download  AM-180 Click to download

File Size   89.69 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz

AM-180 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AM-180 Product details

Description
M/A-COM’s AM-180 is a feedback amplifier with high intercept and compression points. This amplifier is packaged in a TO-8 package. Due to the internal power dissipation the thermal rise should be minimized. The ground plane on the PC board should be configured to remove heat from under the package. AM-180 is ideally suited for use where a high intercept, high reliability amplifier is required.

Features
• +14 dBm Typical 1 dB Compression
• 5 dB Typical Noise Figure
• 1.4:1 Typical VSWR




Similar Part No. - AM-180

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-180 MACOM-AM-180 Datasheet
278Kb / 3P
Cascadable Thin Film Amplifier 10 dB Gain, 10 - 2000 MHz
logo
M/A-COM Technology Solu...
AM-180-AMC-180 MA-COM-AM-180-AMC-180 Datasheet
89Kb / 3P
Cascadable Thin Film Amplifier
AM-180-AMC-180 MA-COM-AM-180-AMC-180_15 Datasheet
89Kb / 3P
Cascadable Thin Film Amplifier
logo
Tyco Electronics
AM-180PIN MACOM-AM-180PIN Datasheet
223Kb / 3P
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
AM-180PIN MACOM-AM-180PIN Datasheet
278Kb / 3P
Cascadable Thin Film Amplifier 10 dB Gain, 10 - 2000 MHz
More results


Similar Description - AM-180

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-177 MACOM-AM-177 Datasheet
193Kb / 2P
Cascadable Thin Film Amplifier, 12 dB Gain, 10 - 1000 MHz
AM-AMC-180 MACOM-AM-AMC-180 Datasheet
223Kb / 3P
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 2000 MHz
AM-AMC-184 MACOM-AM-AMC-184 Datasheet
223Kb / 3P
Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
AM-177 MACOM-AM-177_1 Datasheet
121Kb / 2P
Cascadable Thin Film Amplifier 12 dB Gain, 10 - 1000 MHz
AM-180 MACOM-AM-180 Datasheet
278Kb / 3P
Cascadable Thin Film Amplifier 10 dB Gain, 10 - 2000 MHz
AM-183 MACOM-AM-183 Datasheet
154Kb / 3P
Cascadable Thin Film Amplifier 28.5 dB Gain, 10 - 1000 MHz
AM-184 MACOM-AM-184 Datasheet
155Kb / 3P
Cascadable Thin Film Amplifier 20 dB Gain, 10 - 2000 MHz
logo
M/A-COM Technology Solu...
AM-177 MA-COM-AM-177 Datasheet
59Kb / 2P
Cascadable Thin Film Amplifier, 10 dB Gain, 10 - 1000 MHz
AM-183 MA-COM-AM-183 Datasheet
82Kb / 3P
Cascadable Thin Film Amplifier, 28.5 dB Gain, 10 - 1000 MHz
AM-184 MA-COM-AM-184 Datasheet
82Kb / 3P
Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com