Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3019574 Datasheet (PDF) - Turck, Inc.

3019574 Datasheet PDF - Turck, Inc.
Part # 3019574
Download  3019574 Download
File Size   413.7 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Vibration & Temperature Sensor For Condition Monitoring with IO-Link

3019574 Datasheet (PDF)

Go To PDF Page Download Datasheet
3019574 Datasheet PDF - Turck, Inc.

Part # 3019574
Download  3019574 Click to download

File Size   413.7 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Vibration & Temperature Sensor For Condition Monitoring with IO-Link

3019574 Datasheet (HTML) - Turck, Inc.


3019574 Product details

■ Rectangular, plastic, Ultem
■ Status displayed via LED
■ Acceleration and speed output RMS or
peak to peak of the vibration
■ Acceleration measuring range ±16 g
■ Detection over 3 axes
■ Temperature measuring range -40 °C to
+85 °C
■ High protection class IP68/IP69K
■ 18…30 VDC, communication via IO-Link
■ 10…30 VDC, SIO mode PNP/NPN switching outputs
■ M12 × 1 male connector, 4-pin

Functional principle
Condition monitoring sensors help to prevent
unplanned downtimes and malfunctions during the production process. They monitor the
condition of the machine as a preventative
measure.
Using the CM sensors can prevent system
downtime or machine damage, which in turn
improves system effectiveness and allows uninterrupted operation.
The use of CMVT sensors also directly benefits the user in a quantifiable way.
Information on vibration and temperature is
output via the standardized IO-Link protocol.
Warning and alarm messages are also displayed via simple switching outputs.




Similar Part No. - 3019574

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
3019574 TURCK-3019574 Datasheet
338Kb / 3P
Vibration & Temperature Sensor For Condition Monitoring with IO-Link
2023-07-21
More results


Similar Description - 3019574

ManufacturerPart #DatasheetDescription
logo
ETAL Group
REX12D ETAL-REX12D Datasheet
1Mb / 6P
Control, diagnosis and monitoring via IO link
logo
TE Connectivity Ltd
830M1 TEC-830M1 Datasheet
694Kb / 15P
830M1 TRIAXIAL CONDITION MONITORING ACCELEROMETER
logo
WAGO Kontakttechnik Gmb...
750-645 WAGO-750-645 Datasheet
521Kb / 12P
2-channel vibration velocity/bearing condition monitoring VIB I/O
logo
Maxim Integrated Produc...
MAXREFDES177 MAXIM-MAXREFDES177 Datasheet
1,017Kb / 17P
IO Link Universal Analog IO
MAXREFDES171 MAXIM-MAXREFDES171 Datasheet
373Kb / 10P
IO-LINK DISTANCE SENSOR
REFD5819 MAXIM-REFD5819 Datasheet
998Kb / 11P
Santa Cruz (MAXREFDES23#): IO-Link Light Sensor
Feb 14, 2014
logo
Balluff Korea Ltd.
BCM0001 BALLUFF-BCM0001 Datasheet
119Kb / 3P
Condition Monitoring Sensors
BCM0002 BALLUFF-BCM0002 Datasheet
128Kb / 3P
Condition Monitoring Sensors
logo
Omron Electronics LLC
K6CM-CI OMRON-K6CM-CI Datasheet
1Mb / 40P
Motor Condition Monitoring Device
2020.10
logo
Advantech Co., Ltd.
WISE-2410X ADVANTECH-WISE-2410X Datasheet
436Kb / 2P
Explosion Proof LoRaWAN Wireless Condition Monitoring Sensor
23-Aug-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com