Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3019574 Datasheet(PDF) 2 Page - Turck, Inc.

Part # 3019574
Description  Vibration & Temperature Sensor For Condition Monitoring with IO-Link
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

3019574 Datasheet(HTML) 2 Page - Turck, Inc.

  3019574 Datasheet HTML 1Page - Turck, Inc. 3019574 Datasheet HTML 2Page - Turck, Inc. 3019574 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com2 / 3
Environmental conditions
Ambient temperature
-40…+85 °C
Temperature changes (EN60068-2-14)
-40… +85 °C; 20 cycles
Vibration resistance (EN 60068-2-6)
20 g; 5 h/axis; 3 axes
Shock resistance (EN 60068-2-27)
200 g; 4 ms ½ sine
Protection class
IP68
IP69K
MTTF
548 years acc. to SN 29500 (Ed. 99) 40 °C
Power-on indication
LED, Green
Switching state
2 × LEDs, Yellow



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com