Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC11E Datasheet (PDF) - Freescale Semiconductor, Inc

M68HC11E Datasheet PDF - Freescale Semiconductor, Inc
Part # M68HC11E
Download  M68HC11E Download
File Size   1676.99 Kbytes
Page   242 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description HC11 Microcontrollers

M68HC11E Datasheet (PDF)

Go To PDF Page Download Datasheet
M68HC11E Datasheet PDF - Freescale Semiconductor, Inc

Part # M68HC11E
Download  M68HC11E Click to download

File Size   1676.99 Kbytes
Page   242 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description HC11 Microcontrollers

M68HC11E Datasheet (HTML) - Freescale Semiconductor, Inc


M68HC11E Product details

General Description
Introduction
This document contains a detailed description of the M68HC11 E series of 8-bit microcontroller units (MCUs). These MCUs all combine the M68HC11 central processor unit (CPU) with high-performance, on-chip peripherals.
The E series is comprised of many devices with various configurations of:
   • Random-access memory (RAM)
   • Read-only memory (ROM)
   • Erasable programmable read-only memory (EPROM)
   • Electrically erasable programmable read-only memory (EEPROM)
   • Several low-voltage devices are also available.

With the exception of a few minor differences, the operation of all E-series MCUs is identical. A fully static design and high-density complementary metal-oxide semiconductor (HCMOS) fabrication process allow the E-series devices to operate at frequencies from 3 MHz to dc with very low power consumption.

Features
Features of the E-series devices include:
• M68HC11 CPU
• Power-saving stop and wait modes
• Low-voltage devices available (3.0–5.5 Vdc)
• 0, 256, 512, or 768 bytes of on-chip RAM, data retained during standby
• 0, 12, or 20 Kbytes of on-chip ROM or EPROM
• 0, 512, or 2048 bytes of on-chip EEPROM with block protect for security
• 2048 bytes of EEPROM with selectable base address in the MC68HC811E2
• Asynchronous non-return-to-zero (NRZ) serial communications interface (SCI)
• Additional baud rates available on MC68HC(7)11E20
• Synchronous serial peripheral interface (SPI)
• 8-channel, 8-bit analog-to-digital (A/D) converter
• 16-bit timer system:
   – Three input capture (IC) channels
   – Four output compare (OC) channels
– One additional channel, selectable as fourth IC or fifth OC
• 8-bit pulse accumulator
• Real-time interrupt circuit
• Computer operating properly (COP) watchdog system
• 38 general-purpose input/output (I/O) pins:
   – 16 bidirectional I/O pins
   – 11 input-only pins
   – 11 output-only pins
• Several packaging options:
   – 52-pin plastic-leaded chip carrier (PLCC)
   – 52-pin windowed ceramic leaded chip carrier (CLCC)
   – 52-pin plastic thin quad flat pack, 10 mm x 10 mm (TQFP)
   – 64-pin quad flat pack (QFP)
   – 48-pin plastic dual in-line package (DIP), MC68HC811E2 only
   – 56-pin plastic shrink dual in-line package, .070-inch lead spacing (SDIP)




Similar Part No. - M68HC11E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC11E MOTOROLA-M68HC11E Datasheet
3Mb / 268P
Microcontrollers
M68HC11E MOTOROLA-M68HC11E Datasheet
3Mb / 268P
8-channel, 8-bit analog-to-digital (A/D) converter
logo
Freescale Semiconductor...
M68HC11E FREESCALE-M68HC11E Datasheet
1Mb / 242P
Microcontrollers
logo
Motorola, Inc
M68HC11E0 MOTOROLA-M68HC11E0 Datasheet
678Kb / 4P
CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers
M68HC11E1 MOTOROLA-M68HC11E1 Datasheet
678Kb / 4P
CONFIG Register Programming for EEPROM-based M68HC11 Microcontrollers
More results


Similar Description - M68HC11E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com