Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TW-R50-B128 Datasheet (PDF) - Turck, Inc.

TW-R50-B128 Datasheet PDF - Turck, Inc.
Part # TW-R50-B128
Download  TW-R50-B128 Download
File Size   830.4 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description HF Tag

TW-R50-B128 Datasheet (PDF)

Go To PDF Page Download Datasheet
TW-R50-B128 Datasheet PDF - Turck, Inc.

Part # TW-R50-B128
Download  TW-R50-B128 Click to download

File Size   830.4 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description HF Tag

TW-R50-B128 Datasheet (HTML) - Turck, Inc.


TW-R50-B128 Product details

Features
■The tags must undergo adequate stress
tests within the proposed temperature
processes before deployment.
■The following stress test was performed on
this tag:
Cyclic temperature stress: 5 min at -40 °C –
5 min at 90 °C
Number of tested cycles: 100, transition
period: 30 seconds
Continuous load: 140 °C for 100 hours
■This successfully performed test does not
imply suitability for a specific application,
but merely serves as proof of the basic
usability.
■EEPROM, memory 128 byte
■Not for direct mounting on metal

Functional principle
The HF read/write devices operating at a
frequency of 13.56 MHz form a transmission
zone the size of which (0…500 mm) varies,
depending on the combination of read/write
head and tag used.
The read/write distances mentioned here only
represent standard values measured under
laboratory conditions, free from any influences
caused by surrounding materials.
The read/write distances of tags suitable for
mounting in/on metal were determined in/on
metal.
Attainable distances may vary by up to 30
% due to component tolerances, mounting
conditions, ambient conditions and material
qualities (especially when mounted in metal).
Testing of the application under real operating
conditions is therefore essential, especially
with on-the-fly reading and writing!




Similar Part No. - TW-R50-B128

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
TW-R50-K2 TURCK-TW-R50-K2 Datasheet
815Kb / 2P
HF Tag
11/08/2023
TW-R50-M-B128 TURCK-TW-R50-M-B128 Datasheet
1Mb / 3P
HF Tag
11/08/2023
TW-R50-M-K2 TURCK-TW-R50-M-K2 Datasheet
1Mb / 3P
HF Tag
11/08/2023
More results


Similar Description - TW-R50-B128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I02-112A TI-RI-I02-112A Datasheet
189Kb / 2P
Tag-it HF-I Transponder Inlay
RI-I01-110A TI-RI-I01-110A Datasheet
37Kb / 1P
Tag-it HF Transponder Inlay Square
RI-I02-110A TI-RI-I02-110A Datasheet
53Kb / 1P
Tag-it??HF Transponder Inlay Rectangle - Large
RI-I03-110A TI-RI-I03-110A Datasheet
75Kb / 1P
Tag-it??HF Transponder Inlay Rectangle - Miniature
RI-I14-110A TI-RI-I14-110A Datasheet
40Kb / 1P
Tag-it HF Transponder Inlay - Strip
RI-I11-110A-01 TI-RI-I11-110A-01 Datasheet
112Kb / 4P
Tag-it??HF TRANSPONDER INLAYS SQUARE RECTANGLE
RF-HDT-AJLE TI1-RF-HDT-AJLE Datasheet
933Kb / 34P
Tag-it HF-I Standard Transponder IC
RF-HDT-AJLC TI-RF-HDT-AJLC Datasheet
811Kb / 30P
Tag-it HF-I Plus Transponder IC
RF-HDT-WNME-M0 TI1-RF-HDT-WNME-M0 Datasheet
933Kb / 34P
Tag-it HF-I Standard Transponder IC
RF-HDT-WNMC TI1-RF-HDT-WNMC Datasheet
811Kb / 30P
Tag-it HF-I Plus Transponder IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com