Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TW-R50-B128 Datasheet(PDF) 1 Page - Turck, Inc.

Part # TW-R50-B128
Description  HF Tag
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

TW-R50-B128 Datasheet(HTML) 1 Page - Turck, Inc.

  TW-R50-B128 Datasheet HTML 1Page - Turck, Inc. TW-R50-B128 Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|2
TW-R50-B128
HF Tag
Technical data
Type
TW-R50-B128
ID
6900504
Remark to product
Not suitable for direct mounting on metal
Data transfer
Inductive coupling
Technology
HF RFID
Operating frequency
13.56 MHz
Memory type
EEPROM
Chip
NXP I-Code SLI-X
Memory
128  Byte
Memory
Read/Write
Freely usable memory
112  Byte
Number of read operations
unlimited
Number of write operations
105
Typical read time
2 ms/Byte
Typical write time
3 ms/Byte
Radio communication and protocol
standards
ISO 15693
NFC Typ 5
Minimum distance to metal
10  mm
Temperature during read/write access
-40…+85  °C
Temperature outside detection range
-45…+85  °C
140 °C, 1x100 h
Design
Hard tag, R50
Diameter
50 mm +/- 0.5 mm
Internal diameter
5.2 mm +/- 0.3 mm
Housing height
3.5 mm +/- 0.5 mm
Features
■The tags must undergo adequate stress
tests within the proposed temperature
processes before deployment.
■The following stress test was performed on
this tag:
Cyclic temperature stress: 5 min at -40 °C –
5 min at 90 °C
Number of tested cycles: 100, transition
period: 30 seconds
Continuous load: 140 °C for 100 hours
■This successfully performed test does not
imply suitability for a specific application,
but merely serves as proof of the basic
usability.
■EEPROM, memory 128 byte
■Not for direct mounting on metal
Functional principle
The HF read/write devices operating at a
frequency of 13.56 MHz form a transmission
zone the size of which (0…500 mm) varies,
depending on the combination of read/write
head and tag used.
The read/write distances mentioned here only
represent standard values measured under
laboratory conditions, free from any influences
caused by surrounding materials.
The read/write distances of tags suitable for
mounting in/on metal were determined in/on
metal.
Attainable distances may vary by up to 30
% due to component tolerances, mounting
conditions, ambient conditions and material
qualities (especially when mounted in metal).
Testing of the application under real operating
conditions is therefore essential, especially
with on-the-fly reading and writing!


Similar Part No. - TW-R50-B128

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
TW-R50-K2 TURCK-TW-R50-K2 Datasheet
815Kb / 2P
HF Tag
11/08/2023
TW-R50-M-B128 TURCK-TW-R50-M-B128 Datasheet
1Mb / 3P
HF Tag
11/08/2023
TW-R50-M-K2 TURCK-TW-R50-M-K2 Datasheet
1Mb / 3P
HF Tag
11/08/2023
More results

Similar Description - TW-R50-B128

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I02-112A TI-RI-I02-112A Datasheet
189Kb / 2P
Tag-it HF-I Transponder Inlay
RI-I01-110A TI-RI-I01-110A Datasheet
37Kb / 1P
Tag-it HF Transponder Inlay Square
RI-I02-110A TI-RI-I02-110A Datasheet
53Kb / 1P
Tag-it??HF Transponder Inlay Rectangle - Large
RI-I03-110A TI-RI-I03-110A Datasheet
75Kb / 1P
Tag-it??HF Transponder Inlay Rectangle - Miniature
RI-I14-110A TI-RI-I14-110A Datasheet
40Kb / 1P
Tag-it HF Transponder Inlay - Strip
RI-I11-110A-01 TI-RI-I11-110A-01 Datasheet
112Kb / 4P
Tag-it??HF TRANSPONDER INLAYS SQUARE RECTANGLE
RF-HDT-AJLE TI1-RF-HDT-AJLE Datasheet
933Kb / 34P
Tag-it HF-I Standard Transponder IC
RF-HDT-AJLC TI-RF-HDT-AJLC Datasheet
811Kb / 30P
Tag-it HF-I Plus Transponder IC
RF-HDT-WNME-M0 TI1-RF-HDT-WNME-M0 Datasheet
933Kb / 34P
Tag-it HF-I Standard Transponder IC
RF-HDT-WNMC TI1-RF-HDT-WNMC Datasheet
811Kb / 30P
Tag-it HF-I Plus Transponder IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com