Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUD3048 Datasheet (PDF) - ON Semiconductor

NUD3048 Datasheet PDF - ON Semiconductor
Part # NUD3048
Download  NUD3048 Download
File Size   426.57 Kbytes
Page   2 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5 V Relay Driver Socket

NUD3048 Datasheet (PDF)

Go To PDF Page Download Datasheet
NUD3048 Datasheet PDF - ON Semiconductor

Part # NUD3048
Download  NUD3048 Click to download

File Size   426.57 Kbytes
Page   2 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5 V Relay Driver Socket

NUD3048 Datasheet (HTML) - ON Semiconductor




Similar Part No. - NUD3048

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3048 ONSEMI-NUD3048 Datasheet
48Kb / 4P
FET Switch 100 V, 800 m ohm, N?묬hannel, TSOP??
September, 2005 ??Rev. 4
NUD3048 ONSEMI-NUD3048 Datasheet
49Kb / 4P
FET Switch 100 V, 800 mohm N-Channel, TSOP-6
January, 2007 ??Rev. 5
NUD3048 ONSEMI-NUD3048 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
NUD3048MT1 ONSEMI-NUD3048MT1 Datasheet
48Kb / 4P
FET Switch 100 V, 800 m ohm, N?묬hannel, TSOP??
September, 2005 ??Rev. 4
NUD3048MT1 ONSEMI-NUD3048MT1 Datasheet
49Kb / 4P
FET Switch 100 V, 800 mohm N-Channel, TSOP-6
January, 2007 ??Rev. 5
More results


Similar Description - NUD3048

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
13F-2Z-A HONGFA-13F-2Z-A Datasheet
44Kb / 1P
RELAY SOCKET
14FF-1Z-C2 HONGFA-14FF-1Z-C2 Datasheet
46Kb / 1P
RELAY SOCKET
18FF-2Z-A2 HONGFA-18FF-2Z-A2 Datasheet
41Kb / 1P
RELAY SOCKET
18FF-3Z-A2 HONGFA-18FF-3Z-A2 Datasheet
42Kb / 1P
RELAY SOCKET
18FF-4Z-C2 HONGFA-18FF-4Z-C2 Datasheet
53Kb / 1P
RELAY SOCKET
logo
Allegro MicroSystems
A2550 ALLEGRO-A2550 Datasheet
530Kb / 15P
Relay Driver with 5 V Regulator
logo
List of Unclassifed Man...
S210-A1A1 ETC2-S210-A1A1 Datasheet
353Kb / 3P
RELAY SOCKET 5 AMP
logo
Picker Components
SC782 PICKER-SC782 Datasheet
516Kb / 2P
4 / 5 Pin Micro ISO Automotive Relay Socket
SC792 PICKER-SC792_17 Datasheet
885Kb / 2P
4 / 5 Pin Mini ISO Automotive Relay Socket
SC795 PICKER-SC795_17 Datasheet
449Kb / 3P
4 / 5 Pin Maxi ISO Automotive Relay Socket
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com