Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH-132 Datasheet (PDF) - Tyco Electronics

CH-132 Datasheet PDF - Tyco Electronics
Part # CH-132
Download  CH-132 Download
File Size   111.45 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 20dB, Bi-Directional Coupler, 1-1000 MHz

CH-132 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH-132 Datasheet PDF - Tyco Electronics

Part # CH-132
Download  CH-132 Click to download

File Size   111.45 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 20dB, Bi-Directional Coupler, 1-1000 MHz

CH-132 Datasheet (HTML) - Tyco Electronics


CH-132 Product details

Description

Bi-Directional Couplers offer the ability to couple the power in two directions while maintaining directivity.



Features

• Broad Frequency Range

• Constant Coupling—Within ± 0.5 dB Max

• VSWR: 1.3:1 Max



 




Similar Part No. - CH-132

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
CH-132 MA-COM-CH-132 Datasheet
63Kb / 2P
20 dB, Bi-Directional Coupler, 1 - 1000 MHz Rev. V3
CH-132 MA-COM-CH-132 Datasheet
63Kb / 2P
20 dB, Bi-Directional Coupler
CH-132BNC MA-COM-CH-132BNC Datasheet
63Kb / 2P
20 dB, Bi-Directional Coupler, 1 - 1000 MHz Rev. V3
CH-132N MA-COM-CH-132N Datasheet
63Kb / 2P
20 dB, Bi-Directional Coupler, 1 - 1000 MHz Rev. V3
CH-132SMA MA-COM-CH-132SMA Datasheet
63Kb / 2P
20 dB, Bi-Directional Coupler, 1 - 1000 MHz Rev. V3
More results


Similar Description - CH-132

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH-140 MACOM-CH-140_1 Datasheet
43Kb / 2P
20dB, Bi-Directional Couplers, 1 - 5000 MHz
logo
Anaren Microwave
XC1500A-20S ANAREN-XC1500A-20S Datasheet
126Kb / 2P
20dB Directional Coupler
XC2500P-20S ANAREN-XC2500P-20S Datasheet
128Kb / 2P
20dB Directional Coupler
XC3500M-20S ANAREN-XC3500M-20S Datasheet
633Kb / 21P
20dB Directional Coupler
XC3500P-20S ANAREN-XC3500P-20S Datasheet
608Kb / 22P
20dB Directional Coupler
logo
M/A-COM Technology Solu...
CH-132 MA-COM-CH-132 Datasheet
63Kb / 2P
20 dB, Bi-Directional Coupler, 1 - 1000 MHz Rev. V3
logo
Anaren Microwave
XC1500A-20S ANAREN-XC1500A-20S_14 Datasheet
560Kb / 23P
20dB Directional Coupler
XC3500M-20S ANAREN-XC3500M-20S_09 Datasheet
563Kb / 23P
20dB Directional Coupler
X3C30F1-20S ANAREN-X3C30F1-20S Datasheet
1Mb / 18P
Directional Coupler 20dB
logo
Mini-Circuits
ZGBDC20-372HP MINI-ZGBDC20-372HP Datasheet
335Kb / 3P
20dB DC Pass High Power Bi-Directional Coupler
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com