Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH-132 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

CH-132 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # CH-132
Download  CH-132 Download
File Size   63.27 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 20 dB, Bi-Directional Coupler, 1 - 1000 MHz Rev. V3

CH-132 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH-132 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # CH-132
Download  CH-132 Click to download

File Size   63.27 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 20 dB, Bi-Directional Coupler, 1 - 1000 MHz Rev. V3

CH-132 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


CH-132 Product details

Description

Bi-Directional Couplers offer the ability to couple the power in two directions while maintaining directivity.



Features

• Broad Frequency Range

• Constant Coupling—Within ± 0.5 dB Max

• VSWR: 1.3:1 Max



 




Similar Part No. - CH-132

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH-132 MACOM-CH-132 Datasheet
111Kb / 2P
20dB, Bi-Directional Coupler, 1-1000 MHz
logo
M/A-COM Technology Solu...
CH-132 MA-COM-CH-132 Datasheet
63Kb / 2P
20 dB, Bi-Directional Coupler
logo
Tyco Electronics
CH-132BNC MACOM-CH-132BNC Datasheet
111Kb / 2P
20dB, Bi-Directional Coupler, 1-1000 MHz
CH-132N MACOM-CH-132N Datasheet
111Kb / 2P
20dB, Bi-Directional Coupler, 1-1000 MHz
CH-132SMA MACOM-CH-132SMA Datasheet
111Kb / 2P
20dB, Bi-Directional Coupler, 1-1000 MHz
More results


Similar Description - CH-132

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CD-920-4 MACOM-CD-920-4 Datasheet
73Kb / 2P
20 dB Bi-directional Coupler 2 - 32 MHz
CH-140 MACOM-CH-140 Datasheet
120Kb / 2P
20 dB Directional Coupler 5 - 1000 MHz
CH20-0059-S MACOM-CH20-0059-S Datasheet
18Kb / 1P
11 dB Directional Coupler 500 - 1000 MHz
CH35-0008-S MACOM-CH35-0008-S Datasheet
15Kb / 1P
20 dB Directional Coupler 5 - 1000 MHz
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
11 dB Directional Coupler 30 - 1000 MHz
CH-132 MACOM-CH-132 Datasheet
111Kb / 2P
20dB, Bi-Directional Coupler, 1-1000 MHz
logo
M/A-COM Technology Solu...
CH-140 MA-COM-CH-140 Datasheet
48Kb / 2P
20 dB, Directional Coupler, 5 - 1000 MHz
logo
Mini-Circuits
ZX30-20-462HP+ MINI-ZX30-20-462HP+ Datasheet
214Kb / 1P
20 dB Bi-Directional Coupler
logo
M/A-COM Technology Solu...
CH-132 MA-COM-CH-132 Datasheet
63Kb / 2P
20 dB, Bi-Directional Coupler
logo
Mini-Circuits
ZX30-20-462HP MINI-ZX30-20-462HP Datasheet
279Kb / 2P
20 dB Bi-Directional Coupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com