Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMG1 Datasheet (PDF) - Tyco Electronics

SMG1 Datasheet PDF - Tyco Electronics
Part # SMG1
Download  SMG1 Download
File Size   492.51 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Voltage-Controlled Attenuator Module 5 to 2000 MHz

SMG1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMG1 Datasheet PDF - Tyco Electronics

Part # SMG1
Download  SMG1 Click to download

File Size   492.51 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Voltage-Controlled Attenuator Module 5 to 2000 MHz

SMG1 Datasheet (HTML) - Tyco Electronics


SMG1 Product details

Description
The G1 attenuator is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This design uses three pin diodes to provide a non linear attenuation response across a broadband frequency range. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• AVAILABLE IN SURFACE MOUNT
• LOW VSWR: < 1.8:1 (TYP.)
• LOW INSERTION LOSS: 2.0 dB TO 1000 MHz (TYP.)
• LOW DISTORTION: -25 dBc (TYP.) AT Vcontrol = +15 V




Similar Part No. - SMG1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SMG1 MA-COM-SMG1 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG1 MA-COM-SMG1 Datasheet
741Kb / 4P
Voltage-Controlled Attenuator Module
logo
SeCoS Halbleitertechnol...
SMG111K SECOS-SMG111K Datasheet
485Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
logo
Silikron Semiconductor ...
SMG120N40E1 SILIKRON-SMG120N40E1 Datasheet
886Kb / 8P
Trench FS technology offering
SMG120N40E1DA SILIKRON-SMG120N40E1DA Datasheet
654Kb / 6P
Trench FS technology offering
More results


Similar Description - SMG1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
G30 MACOM-G30 Datasheet
469Kb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
G40 MACOM-G40 Datasheet
468Kb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
SMG2 MACOM-SMG2 Datasheet
471Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
M/A-COM Technology Solu...
SMG1 MA-COM-SMG1 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MA-COM-SMG2 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG30 MA-COM-SMG30 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
SMG40 MA-COM-SMG40 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
Teledyne Technologies I...
GC2002 TELEDYNE-GC2002 Datasheet
125Kb / 1P
5 TO 2000 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
GC2510 TELEDYNE-GC2510 Datasheet
161Kb / 2P
10 TO 2500 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
UTF0035 TELEDYNE-UTF0035 Datasheet
215Kb / 10P
Attenuator 50 to 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com