Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMG1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

SMG1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # SMG1
Download  SMG1 Download
File Size   1790.37 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Voltage-Controlled Attenuator Module 5 to 2000 MHz

SMG1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMG1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # SMG1
Download  SMG1 Click to download

File Size   1790.37 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Voltage-Controlled Attenuator Module 5 to 2000 MHz

SMG1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


SMG1 Product details

Description
The G1 attenuator is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This design uses three pin diodes to provide a non linear attenuation response across a broadband frequency range. Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• AVAILABLE IN SURFACE MOUNT
• LOW VSWR: < 1.8:1 (TYP.)
• LOW INSERTION LOSS: 2.0 dB TO 1000 MHz (TYP.)
• LOW DISTORTION: -25 dBc (TYP.) AT Vcontrol = +15 V




Similar Part No. - SMG1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMG1 MACOM-SMG1 Datasheet
492Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
M/A-COM Technology Solu...
SMG1 MA-COM-SMG1 Datasheet
741Kb / 4P
Voltage-Controlled Attenuator Module
logo
SeCoS Halbleitertechnol...
SMG111K SECOS-SMG111K Datasheet
485Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
logo
Silikron Semiconductor ...
SMG120N40E1 SILIKRON-SMG120N40E1 Datasheet
886Kb / 8P
Trench FS technology offering
SMG120N40E1DA SILIKRON-SMG120N40E1DA Datasheet
654Kb / 6P
Trench FS technology offering
More results


Similar Description - SMG1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
G30 MACOM-G30 Datasheet
469Kb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
G40 MACOM-G40 Datasheet
468Kb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
SMG1 MACOM-SMG1 Datasheet
492Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MACOM-SMG2 Datasheet
471Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
M/A-COM Technology Solu...
SMG2 MA-COM-SMG2 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG30 MA-COM-SMG30 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
SMG40 MA-COM-SMG40 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 500 to 4000 MHz
logo
Teledyne Technologies I...
GC2002 TELEDYNE-GC2002 Datasheet
125Kb / 1P
5 TO 2000 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
GC2510 TELEDYNE-GC2510 Datasheet
161Kb / 2P
10 TO 2500 MHz TO-8 VOLTAGE CONTROLLED ATTENUATOR MODULE
UTF0035 TELEDYNE-UTF0035 Datasheet
215Kb / 10P
Attenuator 50 to 2000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com