Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L42 Datasheet (PDF) - Tyco Electronics

L42 Datasheet PDF - Tyco Electronics
Part # L42
Download  L42 Download
File Size   437.39 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Thin Film Limiter Module 50 to 4000 MHz

L42 Datasheet (PDF)

Go To PDF Page Download Datasheet
L42 Datasheet PDF - Tyco Electronics

Part # L42
Download  L42 Click to download

File Size   437.39 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Thin Film Limiter Module 50 to 4000 MHz

L42 Datasheet (HTML) - Tyco Electronics




Similar Part No. - L42

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
L42 MA-COM-L42 Datasheet
1Mb / 3P
Thin Film Limiter Module 50 to 4000 MHz
logo
List of Unclassifed Man...
L420 ETC2-L420 Datasheet
455Kb / 1P
L series PRTDs are designed for large volume applications where long term stability
logo
Thinki Semiconductor Co...
L4202S THINKISEMI-L4202S Datasheet
690Kb / 3P
Inversion Welder
L4202S THINKISEMI-L4202S Datasheet
5Mb / 2P
20Amperes,200Volts Insulated Common Cathode Ultra Fast Recovery Rectifiers
L4202S THINKISEMI-L4202S_13 Datasheet
5Mb / 2P
20Amperes,200Volts Insulated Common Cathode Ultra Fast Recovery Rectifiers
More results


Similar Description - L42

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SML1 MACOM-SML1 Datasheet
455Kb / 3P
Thin Film Limiter Module 5 to 3000 MHz
logo
M/A-COM Technology Solu...
SML1 MA-COM-SML1 Datasheet
1Mb / 3P
Thin Film Limiter Module 5 to 3000 MHz
L42 MA-COM-L42 Datasheet
1Mb / 3P
Thin Film Limiter Module 50 to 4000 MHz
L1_SML1 MA-COM-L1_SML1 Datasheet
1Mb / 3P
Thin Film Limiter Module
L42_SML42 MA-COM-L42_SML42 Datasheet
1Mb / 3P
Thin Film Limiter Module
logo
Teledyne Technologies I...
UTOUTC0571 TELEDYNE-UTOUTC0571 Datasheet
170Kb / 4P
Thin-Film Cascadable Amplifier 50 to 500 MHz
UTOUTC0572 TELEDYNE-UTOUTC0572 Datasheet
168Kb / 4P
Thin-Film Cascadable Amplifier 50 to 500 MHz
UTOUTC0211 TELEDYNE-UTOUTC0211 Datasheet
149Kb / 5P
Thin-Film Cascadable Amplifier Module 10 to 200 MHz
PSA-4132 TELEDYNE-PSA-4132 Datasheet
168Kb / 4P
Thin-Film Cascadable Amplifier 1000 to 4000 MHz
PSA6232 TELEDYNE-PSA6232 Datasheet
111Kb / 4P
Thin-Film Cascadable Amplifier 1000 to 4000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com