Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML1 Datasheet (PDF) - Tyco Electronics

SML1 Datasheet PDF - Tyco Electronics
Part # SML1
Download  SML1 Download
File Size   455.34 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Thin Film Limiter Module 5 to 3000 MHz

SML1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SML1 Datasheet PDF - Tyco Electronics

Part # SML1
Download  SML1 Click to download

File Size   455.34 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Thin Film Limiter Module 5 to 3000 MHz

SML1 Datasheet (HTML) - Tyco Electronics




Similar Part No. - SML1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SML1 MA-COM-SML1 Datasheet
1Mb / 3P
Thin Film Limiter Module 5 to 3000 MHz
logo
Seme LAB
SML10-12A-258R SEME-LAB-SML10-12A-258R Datasheet
11Kb / 1P
FAST RECOVERY EPITAXIAL DIODE IN A HERMETIC TO-258 METAL PACKAGE
logo
Sanken electric
SML10016 SANKEN-SML10016 Datasheet
34Kb / 1P
5phi Round Standard Bicolor LED
SML10016 SANKEN-SML10016 Datasheet
444Kb / 2P
5phi Round Standard Bicolor LEDs
logo
Seme LAB
SML1001R1AN SEME-LAB-SML1001R1AN Datasheet
60Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Similar Description - SML1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
L42 MACOM-L42 Datasheet
437Kb / 3P
Thin Film Limiter Module 50 to 4000 MHz
logo
M/A-COM Technology Solu...
SML1 MA-COM-SML1 Datasheet
1Mb / 3P
Thin Film Limiter Module 5 to 3000 MHz
L42 MA-COM-L42 Datasheet
1Mb / 3P
Thin Film Limiter Module 50 to 4000 MHz
L1_SML1 MA-COM-L1_SML1 Datasheet
1Mb / 3P
Thin Film Limiter Module
L42_SML42 MA-COM-L42_SML42 Datasheet
1Mb / 3P
Thin Film Limiter Module
logo
Teledyne Technologies I...
LC3005 TELEDYNE-LC3005 Datasheet
125Kb / 1P
5 TO 3000 MHz TO-8 CASCADABLE LC3005 SIGNAL LIMITER
UTOUTC0554 TELEDYNE-UTOUTC0554 Datasheet
175Kb / 6P
Thin-Film Cascadable Amplifier 5 to 500 MHz
UTOUTC1002 TELEDYNE-UTOUTC1002 Datasheet
196Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1013 TELEDYNE-UTOUTC1013 Datasheet
183Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1033 TELEDYNE-UTOUTC1033 Datasheet
190Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com