Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL1 Datasheet (PDF) - Tyco Electronics

CL1 Datasheet PDF - Tyco Electronics
Part # CL1
Download  CL1 Download
File Size   455.34 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Thin Film Limiter Module 5 to 3000 MHz

CL1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL1 Datasheet PDF - Tyco Electronics

Part # CL1
Download  CL1 Click to download

File Size   455.34 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Thin Film Limiter Module 5 to 3000 MHz

CL1 Datasheet (HTML) - Tyco Electronics




Similar Part No. - CL1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
M/A-COM Technology Solu...
CL1 MA-COM-CL1 Datasheet
1Mb / 3P
Thin Film Limiter Module 5 to 3000 MHz
logo
Eaton All Rights Reserv...
CL1 EATON-CL1 Datasheet
69Kb / 1P
Type CL 1-inch Classified Replacement Breaker
logo
Dialight Corporation
CL1-230-BL-P DIALIGHT-CL1-230-BL-P Datasheet
161Kb / 2P
CL1 SERIES COVELED1
CL1-230-CW-P DIALIGHT-CL1-230-CW-P Datasheet
161Kb / 2P
CL1 SERIES COVELED1
More results


Similar Description - CL1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
L42 MACOM-L42 Datasheet
437Kb / 3P
Thin Film Limiter Module 50 to 4000 MHz
logo
M/A-COM Technology Solu...
SML1 MA-COM-SML1 Datasheet
1Mb / 3P
Thin Film Limiter Module 5 to 3000 MHz
L42 MA-COM-L42 Datasheet
1Mb / 3P
Thin Film Limiter Module 50 to 4000 MHz
L1_SML1 MA-COM-L1_SML1 Datasheet
1Mb / 3P
Thin Film Limiter Module
L42_SML42 MA-COM-L42_SML42 Datasheet
1Mb / 3P
Thin Film Limiter Module
logo
Teledyne Technologies I...
LC3005 TELEDYNE-LC3005 Datasheet
125Kb / 1P
5 TO 3000 MHz TO-8 CASCADABLE LC3005 SIGNAL LIMITER
UTOUTC0554 TELEDYNE-UTOUTC0554 Datasheet
175Kb / 6P
Thin-Film Cascadable Amplifier 5 to 500 MHz
UTOUTC1002 TELEDYNE-UTOUTC1002 Datasheet
196Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1013 TELEDYNE-UTOUTC1013 Datasheet
183Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1033 TELEDYNE-UTOUTC1033 Datasheet
190Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com