Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4AGFCP910 Datasheet (PDF) - Tyco Electronics

MA4AGFCP910 Datasheet PDF - Tyco Electronics
Part # MA4AGFCP910
Download  MA4AGFCP910 Download
File Size   216.25 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description AlGaAs Flip-Chip PIN Diode 100MHz to 50GHz

MA4AGFCP910 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4AGFCP910 Datasheet PDF - Tyco Electronics

Part # MA4AGFCP910
Download  MA4AGFCP910 Click to download

File Size   216.25 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description AlGaAs Flip-Chip PIN Diode 100MHz to 50GHz

MA4AGFCP910 Datasheet (HTML) - Tyco Electronics


MA4AGFCP910 Product details

Description
M/A-COMs MA4AGFCP910 is an Aluminum Gallium Arsenide Flip-Chip PIN diode. These devices are fabricated on OMCVD epitaxial wafers using a process designed for high device uniformity and extremely low parasitics. The diodes exhibit an extremely low RC Product, ( 0.1 ps) and 3nS switching characteristics.
They are fully passivated with silicon nitride and have an additional layer of a polymer for scratch protection. The protective coatings prevent damage to the junction and the anode airbridge during handling.

Features
• Lower Series Resistance, 5.2Ω
• Ultra Low Capacitance, 18 f F
• High Switching Cutoff Frequency, 50 GHz
• 3 Nanosecond Switching Speed
• Driven by Standard TTL
• Silicon Nitride Passivation
• Polyimide Scratch Protection




Similar Part No. - MA4AGFCP910

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGFCP910 MA-COM-MA4AGFCP910 Datasheet
131Kb / 6P
AlGaAs Flip Chip PIN Diodes
More results


Similar Description - MA4AGFCP910

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGP907 MACOM-MA4AGP907 Datasheet
108Kb / 5P
AlGaAs Flip-Chip PIN Diode
MA4AGSBP907 MACOM-MA4AGSBP907 Datasheet
161Kb / 5P
AlGaAs Solder Bump Flip-Chip PIN Diode
logo
M/A-COM Technology Solu...
MA4AGP907 MA-COM-MA4AGP907 Datasheet
131Kb / 6P
AlGaAs Flip Chip PIN Diodes
MA4AGSBP907 MA-COM-MA4AGSBP907 Datasheet
178Kb / 5P
AlGaAs Solder Bump Flip-Chip PIN Diode
MA4FCP200 MA-COM-MA4FCP200 Datasheet
137Kb / 6P
Flip Chip PIN Diode
MA4AGBLP912_V3 MA-COM-MA4AGBLP912_V3 Datasheet
96Kb / 4P
AlGaAs Beamlead PIN Diode
MA4AGP907 MA-COM-MA4AGP907_2 Datasheet
128Kb / 6P
AlGaAs Flip Chip PIN Diodes
MADP-000907-14020 MA-COM-MADP-000907-14020 Datasheet
291Kb / 5P
Solderable AlGaAs Flip Chip PIN
MADP-000907-14020 MA-COM-MADP-000907-14020_15 Datasheet
685Kb / 6P
Solderable AlGaAs Flip Chip PIN
MADP-000907-14020X MA-COM-MADP-000907-14020X Datasheet
577Kb / 5P
Solderable AlGaAs Flip Chip PIN
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com